Electronic Components Datasheet Search
  English  ▼

X  

MIC5295 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5295
Description  Low Quiescent Current, 150mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5295 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5295 Datasheet HTML 1Page - Micrel Semiconductor MIC5295 Datasheet HTML 2Page - Micrel Semiconductor MIC5295 Datasheet HTML 3Page - Micrel Semiconductor MIC5295 Datasheet HTML 4Page - Micrel Semiconductor MIC5295 Datasheet HTML 5Page - Micrel Semiconductor MIC5295 Datasheet HTML 6Page - Micrel Semiconductor MIC5295 Datasheet HTML 7Page - Micrel Semiconductor MIC5295 Datasheet HTML 8Page - Micrel Semiconductor MIC5295 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5295
November 2009
4
M9999-110209-A
Typical Characteristics
PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
1.E+0
6
1.E+0
7
FREQ UENCY (Hz)
Dropout Voltage
v s. Output Current
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
O UT PUT CURRENT (mA)
Dropout Voltage
v s. Tem perature
0
50
100
150
200
250
300
350
400
450
-40 -20
0
20
40
60
80 100 120
T EM PERAT URE (°C)
Ground Current
v s. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
INPUT VO LT AGE (V)
Ground Current
v s. Input Voltage
0
10
20
30
40
50
60
70
80
90
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
INPUT VO LT AGE (V)
Ground Current
v s. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
4
8
12
16
20
24
INPUT VO LT AGE (V)
Ground Current
vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
4
8
12
16
20
24
INPUT VO LT AG E (V)
Ground Current
v s. Output Current
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
25
50
75
100
125
150
OUT PUT CURRENT (mA)
Ground Current
vs. Tem perature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80 100 120
T EM PERAT URE (°C)
Output Voltage
v s. Input Voltage
2.8
2.9
3.0
3.1
3.2
0
5
10
15
20
25
INPUT VO LT AG E (V)
Current lim it
v s. Input Voltage
200
250
300
350
400
450
500
0
5
10
15
20
25
30
35
40
INPUT VO LT AGE (V)
MIC5295 - Output Noise
Spectral Density
0.001
0.01
0.1
1
10
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
FREQUENCY (Hz)
150mA
100µA
150mA
100mA
50mA
150mA
50mA
100mA
150mA
50mA
100mA
150mA
100mA
50mA
VIN = 24V
VIN = 12V
VIN = 4V
100µA
10mA
100µA
10mA
100µA
75mA
150mA
VIN = 4.5V
VOUT = 3V
COUT = 2.2µF
VOUT = 3V
COUT = 2.2µF
VOUT = 2.5V
COUT = 2.2µF
VOUT = 2.5V
COUT = 2.2µF
VIN = 10V
VOUT = 2.5V
COUT = 2.2µF
VOUT = 1.36V
COUT = 2.2µF
VOUT = 1.36V
COUT = 2.2µF
VOUT = 3V
COUT = 2.2µF
VOUT = 3V
COUT = 2.2µF
COUT = 2.2µF
10
100
1K
10K
100K
1M
10M
10
100
1K
10K
100K
1M
VOUT = 3V
COUT = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com