Electronic Components Datasheet Search
  English  ▼

X  

MIC5295 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5295
Description  Low Quiescent Current, 150mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5295 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5295 Datasheet HTML 1Page - Micrel Semiconductor MIC5295 Datasheet HTML 2Page - Micrel Semiconductor MIC5295 Datasheet HTML 3Page - Micrel Semiconductor MIC5295 Datasheet HTML 4Page - Micrel Semiconductor MIC5295 Datasheet HTML 5Page - Micrel Semiconductor MIC5295 Datasheet HTML 6Page - Micrel Semiconductor MIC5295 Datasheet HTML 7Page - Micrel Semiconductor MIC5295 Datasheet HTML 8Page - Micrel Semiconductor MIC5295 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5295
November 2009
3
M9999-110209-A
Absolute Maximum Ratings
(1)
Input Supply Voltage ........................................ –20V to 38V
Enable Input Voltage....................................... –0.3V to 38V
Power Dissipation .....................................Internally Limited
Junction Temperature ...............................–40°C to +125°C
Storage Temperature ................................–65°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Input Supply Voltage ......................................... 2.3V to 24V
Enable Input Voltage............................................ 0V to 24V
Junction Thermal....................................... –40°C to +125°C
Package Thermal Resistance
TO-252-5 (θJA) ...................................................50°C/W
Electrical Characteristics
(4)
VIN = VOUT + 1V; IOUT = 100µA; CIN =1.0μF, COUT = 2.2μA; TJ = 25°C, bold values indicate –40°C<TJ<+125°C; unless
otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1.0
–2.0
+1.0
+2.0
%
%
Line Regulation
VIN = VOUT + 1V to 24V
0.04
%
Load Regulation
Load = 100µA to 150mA
0.25
1
%
Dropout Voltage
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
45
220
260
300
400
450
500
mV
mV
mV
mV
1.24
V
Reference Voltage
-1.0
+1.0
%
Ground Current
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
18
0.35
1
2
30
35
0.7
2
4
µA
µA
mA
mA
mA
Ground Current in Shutdown
VEN = 0V; VIN = 24V
0.1
1
µA
Current Limit
VOUT = 0V
350
500
mA
Ripple Rejection
f =1kHz
50
dB
Output Voltage Noise
10Hz to 100kHz
47
µVRMS
Output Leakage,
Reverse Polarity Input
Load = 500Ω; VIN = –15V; VEN =0.4V
–0.1
µA
Enable Input
Enable turn on time
1.2
10
ms
Input Low Voltage
Regulator OFF
0.4
V
Input High Voltage
Regulator ON
2.0
V
Enable Input Current
VEN = 0.6V; Regulator OFF
VEN = 2.0V; Regulator ON
VEN = 24V; Regulator ON
–1.0
0.01
0.1
0.5
1.0
1.0
2.5
µA
µA
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com