Electronic Components Datasheet Search
  English  ▼

X  

MIC22601 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22601
Description  4 MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22601 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22601 Datasheet HTML 1Page - Micrel Semiconductor MIC22601 Datasheet HTML 2Page - Micrel Semiconductor MIC22601 Datasheet HTML 3Page - Micrel Semiconductor MIC22601 Datasheet HTML 4Page - Micrel Semiconductor MIC22601 Datasheet HTML 5Page - Micrel Semiconductor MIC22601 Datasheet HTML 6Page - Micrel Semiconductor MIC22601 Datasheet HTML 7Page - Micrel Semiconductor MIC22601 Datasheet HTML 8Page - Micrel Semiconductor MIC22601 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC22601
4 MHz, 6A Integrated Switch
Synchronous Buck Regulator
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2009
M9999-050509-A
General Description
The Micrel MIC22601 is a high efficiency 6A Integrated
switch synchronous buck (step-down) regulator. The
MIC22601 is optimized for highest efficiency (greater than
90%), while still switching at 4MHz over a broad load
range with only 0.22µH inductor and down to 22µF output
capacitor. The ultra-high speed control loop keeps the
output voltage within regulation even under extreme
transient load swings commonly found in FPGAs and low
voltage ASICs. The output voltage can be adjusted down
to 0.7V to address all low voltage power needs. A full
range of sequencing and tracking options is available with
the MIC22601. The enable/delay pin, combined with the
power good PG/POR pin, allows multiple outputs to be
sequenced in any way during turn on and turn off. The RC
(Ramp Control™) pin allows the device to be connected to
another product in the MIC22xxx and/or MIC68xxx family,
to keep the output voltages within a certain ΔV on start up.
The MIC22601 is available in a 24-pin 4mm x 4mm MLF
®
package with a junction operating temperature range from
–40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• 4MHz PWM frequency
• Adjustable output voltage option down to 0.7V
• Output current to 6A
• Small Passive components: 0.22µH and 22µF
• Full sequence and tracking ability
• Power On Reset/Power Good
• Ultra fast transient response
–
Easy RC compensation
• 100% maximum duty cycle
• Fully integrated MOSFET switches
• Micro power shutdown
• Thermal shutdown and current limit protection
• 24-pin 4mmx4mm MLF® package
• –40°C to +125°C junction temperature range
Applications
• High power density point of load conversion
• Servers and routers
• Blu-ray/DVD players and recorders
• Computer peripherals
• Base stations
• FPGA, DSP and low voltage ASIC power
_____________________________________________________________________________________________________________________________________
Typical Application
40
50
60
70
80
90
100
0123456
OUTPUT CURRENT (A)
Efficiency
vs. Load Current
VOUT = 3.3V
TA = 25°C
L = 470nF
VIN = 5V
VIN = 3.6V
Figure 1. Typical Application Circuit, 6A 4MHz Synchronous Output Converter
Sequencing & Tracking


Similar Part No. - MIC22601

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
More results

Similar Description - MIC22601

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com