Electronic Components Datasheet Search
  English  ▼

X  

MIC22601 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC22601
Description  4 MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22601 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC22601 Datasheet HTML 1Page - Micrel Semiconductor MIC22601 Datasheet HTML 2Page - Micrel Semiconductor MIC22601 Datasheet HTML 3Page - Micrel Semiconductor MIC22601 Datasheet HTML 4Page - Micrel Semiconductor MIC22601 Datasheet HTML 5Page - Micrel Semiconductor MIC22601 Datasheet HTML 6Page - Micrel Semiconductor MIC22601 Datasheet HTML 7Page - Micrel Semiconductor MIC22601 Datasheet HTML 8Page - Micrel Semiconductor MIC22601 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC22601
May 2009
4
M9999-050509-A
Typical Characteristics
0
1
2
3
4
5
6
7
8
9
10
00.511.522.5 33.5 4 4.5 5 5.5
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
T
A = 25°C
0
1
2
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
V
IN = 3.3V
0
0.2
0.4
0.6
0.8
1.0
1.2
2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
Not Switching FB = 1V
T
A = 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
Not Switching FB = 1V
V
IN
= 3.3V
0.690
0.692
0.694
0.696
0.698
0.700
0.702
0.704
0.706
0.708
0.710
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
Reference Voltage
vs. Input Voltage
T
A
= 25°C
0.690
0.692
0.694
0.696
0.698
0.700
0.702
0.704
0.706
0.708
0.710
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
V
IN
= 3.3V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Enable Level
vs. Input Voltage
T
A
= 25°C
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
TEMPERATURE (°C)
Enable Voltage
vs. Temperature
V
IN
= 5.5V
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
T
CASE
= 25°C
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
V
IN
= 3.3V
0
5
10
15
20
25
30
35
40
45
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
P-Channel RDS
ON
vs. Input Voltage
T
CASE
= 90°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1
VRC (V)
Output Voltage
vs V
RC
V
OUT
= 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com