Electronic Components Datasheet Search
  English  ▼

X  

MIC39300 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC39300
Description  3A, Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor MIC39300 Datasheet HTML 10Page - Micrel Semiconductor MIC39300 Datasheet HTML 11Page - Micrel Semiconductor MIC39300 Datasheet HTML 12Page - Micrel Semiconductor MIC39300 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC39300/39301/39302
October 2009
10
M9999-102309-A
Application Information
The MIC39300/1/2 are high-performance, low-dropout
voltage regulators suitable for moderate to high-current
voltage regulator applications. Its 550mV dropout
voltage at full load makes it especially valuable in
battery-powered systems and as a high-efficiency noise
filter in post-regulator applications. Unlike older NPN-
pass transistor designs, where the minimum dropout
voltage is limited by the base-to-emitter voltage drop and
collector-to-emitter
saturation
voltage,
dropout
performance of the PNP output of these devices is
limited only by the low VCE saturation voltage.
A trade-off for the low dropout voltage is a varying base
drive requirement. Micrel’s Super βeta PNP
® process
reduces this drive requirement to only 2% to 5% of the
load current.
The MIC39300/1/2 regulators are fully protected from
damage due to fault conditions. Current limiting is
provided. This limiting is linear; output current during
overload conditions is constant. Thermal shutdown
disables the device when the die temperature exceeds
the maximum safe operating temperature. Transient
protection allows device (and load) survival even when
the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in
excess of the desired output voltage to be applied
without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires four application-
specific parameters:
• Maximum ambient temperature (TA)
• Output Current (IOUT)
• Output Voltage (VOUT)
• Input Voltage (VIN)
• Ground Current (IGND)
Calculate the power dissipation of the regulator from
these numbers and the device parameters from this
datasheet, where the ground current is taken from the
data sheet.
PD = (VIN – VOUT) IOUT + VIN × IGND
The heat sink thermal resistance is determined by:
()
CS
JC
D
A
(max)
J
SA
P
T
T
θ
+
θ
−
−
=
θ
where TJ(max) ≤ 125°C and θCS is between 0° and 2°C/W.
The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low dropout properties of Micrel Super
βeta PNP
® regulators allow significant reductions in
regulator power dissipation and the associated heat sink
without compromising performance. When this technique
is employed, a capacitor of at least 1.0μF is needed
directly between the input and regulator ground.
Refer to “Application Note 9” for further details and
examples on thermal design and heat sink specification.
Figure 1. Capacitor Requirements
Output Capacitor
The MIC39300/1/2 requires an output capacitor to
maintain stability and improve transient response.
Proper capacitor selection is important to ensure proper
operation. The MIC39300/1/2 output capacitor selection
is dependent upon the ESR (equivalent series
resistance) of the output capacitor to maintain stability.
When the output capacitor is 47μF or greater, the output
capacitor should have less than 1Ω of ESR. This will
improve transient response as well as promote stability.
Ultralow ESR capacitors, such as ceramic chip
capacitors may promote instability. These very low ESR
levels may cause an oscillation and/or underdamped
transient response. A low-ESR solid tantalum capacitor
works extremely well and provides good transient
response and stability over temperature. Aluminum
electrolytics can also be used, as long as the ESR of the
capacitor is < 1Ω.
The value of the output capacitor can be increased
without limit. Higher capacitance values help to improve
transient response and ripple rejection and reduce
output noise.
Input Capacitor
An input capacitor of 1μF or greater is recommended
when the device is more than 4 inches away from the
bulk ac supply capacitance, or when the supply is a
battery. Small, surface mount, ceramic chip capacitors
can be used for the bypassing. Larger values will help to
improve ripple rejection by bypassing the input to the
regulator, further improving the integrity of the output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com