Electronic Components Datasheet Search
  English  ▼

X  

MIC39300 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC39300
Description  3A, Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC39300 Datasheet HTML 1Page - Micrel Semiconductor MIC39300 Datasheet HTML 2Page - Micrel Semiconductor MIC39300 Datasheet HTML 3Page - Micrel Semiconductor MIC39300 Datasheet HTML 4Page - Micrel Semiconductor MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC39300/39301/39302
October 2009
3
M9999-102309-A
Pin Configuration
MIC39300-x.xBT
TO-220-3 (T)
MIC39300-x.xBU
TO-263-3 (U)
MIC39301-x.xBT
TO-220-5 (T)
MIC39301-x.xBU
TO-263-5 (D
2Pak) (U)
MIC39302WU
TO-263-5 (D
2Pak) (U)
Pin Description
Pin
Number
MIC39300
Pin
Number
MIC39301
Pin
Number
MIC39302
Pin Name
Pin Function
—
1
1
EN
Enable (Input): TTL/CMOS compatible input. Logic high = enable; logic low
or open = shutdown.
1
2
2
IN
Unregulated Input: +16V maximum supply.
2, TAB
3, TAB
3, TAB
GND
Ground: Ground pin and TAB are internally connected.
3
4
4
OUT
Regulator Output
—
5
—
FLG
Error Flag (Ouput): Open-collector indicates an output fault condition.
Active low.
—
—
5
ADJ
Adjustable Regulator Feedback Input: Connect to the resistor voltage
divider that is placed from OUT to GND in order to set the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com