Electronic Components Datasheet Search
  English  ▼

X  

MIC39300 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC39300
Description  3A, Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39300 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC39300 Datasheet HTML 1Page - Micrel Semiconductor MIC39300 Datasheet HTML 2Page - Micrel Semiconductor MIC39300 Datasheet HTML 3Page - Micrel Semiconductor MIC39300 Datasheet HTML 4Page - Micrel Semiconductor MIC39300 Datasheet HTML 5Page - Micrel Semiconductor MIC39300 Datasheet HTML 6Page - Micrel Semiconductor MIC39300 Datasheet HTML 7Page - Micrel Semiconductor MIC39300 Datasheet HTML 8Page - Micrel Semiconductor MIC39300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC39300/39301/39302
October 2009
4
M9999-102309-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)....................................... –20V to +20V
Enable Voltage (VEN)....................................................+20V
Storage Temperature (TS)................–65°C to +150°C Lead
Temperature (soldering, 5 sec.) ................................. 260°C
ESD Rating................................................................ Note 3
Operating Ratings
(2)
Supply Voltage (VIN)...................................... +2.5V to +16V
Enable Voltage (VEN)....................................................+16V
Maximum Power Dissipation (PD(max)) ....................... Note 4
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
TO-263 (
θJC) ........................................................2°C/W
TO-220 (
θJC) ........................................................2°C/W
Electrical Characteristics
(5)
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage
10mA
10mA ≤ IOUT ≤ 3A, VOUT + 1V ≤ VIN ≤ 8V
–1
–2
1
2
%
%
Line Regulation
IOUT = 10mA, VOUT + 1V ≤ VIN ≤ 8V
0.06
0.5
%
Load Regulation
VIN = VOUT + 1V, 10mA ≤ IOUT ≤ 3A
0.2
1
%
∆VOUT/∆T
Output Voltage Temp.
Coefficient
Note 6
20
100
ppm/°C
IOUT = 100mA, ∆VOUT = –1%
65
200
mV
IOUT = 750mA, ∆VOUT = –1%
185
mV
IOUT = 1.5A, ∆VOUT = –1%
250
mV
VDO
Dropout Voltage
Note 7, Note 10
IOUT = 3A, ∆VOUT = –1%
385
550
mV
IOUT = 750mA, VIN = VOUT + 1V
10
20
mA
IOUT = 1.5A, VIN = VOUT + 1V
17
mA
IGND
Ground Current
Note 8
IOUT = 3A, VIN = VOUT + 1V
45
mA
IGND(do)
Dropout Ground Pin Current
VIN ≤ VOUT(nominal) – 0.5V, IOUT = 10mA
6
mA
IOUT(lim)
Current Limit
VOUT = 0V, VIN = VOUT + 1V
4.5
A
Enable Input (MIC39301)
VEN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.5
V
IIN
Enable Input Current
VEN = 2.5V
15
30
75
µA
µA
VEN = 0.8V
2
µA
4
µA
IOUT(shdn)
Shutdown Output Current
Note 9
10
20
µA
Flag Output (MIC39301)
IFLG(leak)
Output Leakage Current
VOH = 16V
0.01
1
2
µA
µA
VFLG(do)
Output Low Voltage
VIN = 2.50V, IOL, = 250µA, Note 10
220
300
400
mV
mV
VFLG
Low Threshold
% of VOUT
93
%
High Threshold
% of VOUT
99.2
%
Hysteresis
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com