Electronic Components Datasheet Search
  English  ▼

X  

MIC47150WD Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC47150WD
Description  1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47150WD Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC47150WD Datasheet HTML 1Page - Micrel Semiconductor MIC47150WD Datasheet HTML 2Page - Micrel Semiconductor MIC47150WD Datasheet HTML 3Page - Micrel Semiconductor MIC47150WD Datasheet HTML 4Page - Micrel Semiconductor MIC47150WD Datasheet HTML 5Page - Micrel Semiconductor MIC47150WD Datasheet HTML 6Page - Micrel Semiconductor MIC47150WD Datasheet HTML 7Page - Micrel Semiconductor MIC47150WD Datasheet HTML 8Page - Micrel Semiconductor MIC47150WD Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC47150
1.5A, Low Voltage, Adjustable, High-
Bandwidth LDO Regulator with Dual Input
Supplies
*See Thermal Design Section
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2009
M9999-102309-A
General Description
The MIC47150 is a high-bandwidth, low-dropout, 1.5A volt-
age regulator ideal for powering core voltages of low-
power microprocessors. The MIC47150 implements a dual
supply configuration allowing for very low output
impedance and very fast transient response.
The MIC47150 requires a bias input supply between 3V
and 6.5V for proper operation. The main input supply rail
operates from 1.4V to 6.5V that allows for adjustable
output voltages down to 0.9V.
The MIC47150 requires a minimum of 1µF output
capacitance for stability, and optimal operation is achieved
with small ceramic capacitors.
The MIC47150 is available in a 5-pin power D-Pak
package (TO-252) with an operating temperature range of
–40°C to +125°C.
Datasheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input Voltage Range:
–
VIN: 1.4V to 6.5V
–
VBIAS: 3.0V to 6.5V
• Stable with 1µF ceramic capacitor
• ±1% initial tolerance
• Maximum dropout voltage (VIN–VOUT) of 500mV
over temperature
• Adjustable output voltage down to 0.9V
• Ultra fast transient response (Up to 10MHz bandwidth)
• Excellent line and load regulation specifications
• Power D-Pak package (TO-252)
• Thermal shutdown and current-limit protection
• Junction temperature range: –40°C to +125°C
Applications
• Graphics processors
• PC add-in cards
• Microprocessor core voltage supply
• Low voltage digital ICs
• High efficiency linear power supplies
• SMPS post regulators
__________________________________________________________________________________________
Typical Application*
Figure 1. Typical Application Circuit


Similar Part No. - MIC47150WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
MIC47100-0.8YML MICREL-MIC47100-0.8YML Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
MIC47100-0.8YMME MICREL-MIC47100-0.8YMME Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
MIC47100-1.0YML MICREL-MIC47100-1.0YML Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
MIC47100-1.0YMME MICREL-MIC47100-1.0YMME Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
More results

Similar Description - MIC47150WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
1.5A Low Voltage LDO Regulator w/Dual Input Voltages
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
Input Adjustable Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
1.5A Low Dropout Regulator with Dual Input Voltage
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
14V Input Adjustable Voltage LDO Regulator
logo
Anaren Microwave
MSK5141 ANAREN-MSK5141 Datasheet
472Kb / 8P
1.5A LOW NOISE, ADJUSTABLE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com