Electronic Components Datasheet Search
  English  ▼

X  

MIC47150WD Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC47150WD
Description  1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47150WD Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC47150WD Datasheet HTML 1Page - Micrel Semiconductor MIC47150WD Datasheet HTML 2Page - Micrel Semiconductor MIC47150WD Datasheet HTML 3Page - Micrel Semiconductor MIC47150WD Datasheet HTML 4Page - Micrel Semiconductor MIC47150WD Datasheet HTML 5Page - Micrel Semiconductor MIC47150WD Datasheet HTML 6Page - Micrel Semiconductor MIC47150WD Datasheet HTML 7Page - Micrel Semiconductor MIC47150WD Datasheet HTML 8Page - Micrel Semiconductor MIC47150WD Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC47150
October 2009
3
M9999-102309-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)......................................... -0.3V to +8V
Bias Supply Voltage (VBIAS).............................. -0.3V to +8V
Power Dissipation .....................................Internally Limited
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +1.4V to +6.5V
Bias Supply Voltage (VBIAS)............................. +3V to +6.5V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
TO-252 (
θJC) ........................................................3°C/W
TO-252 (
θJA).......................................................56°C/W
Electrical Characteristics
(4)
VIN = VOUT + 1V, VBIAS = VOUT + 2.1V, IOUT = 10mA; TA = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VLNREG
Line Regulation
VIN = (VOUT +1V) to 6.5V
–0.1
0.01
+0.1
%/V
VLDREG
Load Regulation
IOUT = 10mA to 1.5A
0.2
1.5
%
VDO
Dropout Voltage (VIN - VOUT)
IOUT = 750mA
IOUT = 1.5A
130
280
300
500
mV
mV
VDO(BIAS)
Dropout Voltage (VBIAS - VOUT),
Note 5
IOUT = 750mA
IOUT = 1.5A
1.3
1.65
2.1
V
IGND
Ground Pin Current, Note 6
IOUT = 10mA
IOUT = 1.5A
15
15
30
mA
IBIAS
Current thru VBIAS
IOUT = 10mA
IOUT = 1.5A
9
32
25
mA
mA
ILIM
Current Limit
VOUT = 0V
1.6
2.3
3.4
4
A
A
TSD
Thermal Shutdown
168
°C
Thermal Shutdown Hysteresis
10
°C
Reference (Adjust Pin)
VADJ
Reference Voltage
0.891
0.882
0.9
0.909
0.918
V
V
IADJ
Adjust Pin Current
VADJ = 1.2V
0.01
1
μA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.
5. For VOUT ≤1V, VBIAS dropout specification does not apply due to a minimum 3V VBIAS input.
6. IGND = IBIAS + (IIN – IOUT). At high loads, input current on VIN will be less than the output current, due to drive current being supplied by VBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com