Electronic Components Datasheet Search
  English  ▼

X  

MIC47150WD Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC47150WD
Description  1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47150WD Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC47150WD Datasheet HTML 1Page - Micrel Semiconductor MIC47150WD Datasheet HTML 2Page - Micrel Semiconductor MIC47150WD Datasheet HTML 3Page - Micrel Semiconductor MIC47150WD Datasheet HTML 4Page - Micrel Semiconductor MIC47150WD Datasheet HTML 5Page - Micrel Semiconductor MIC47150WD Datasheet HTML 6Page - Micrel Semiconductor MIC47150WD Datasheet HTML 7Page - Micrel Semiconductor MIC47150WD Datasheet HTML 8Page - Micrel Semiconductor MIC47150WD Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC47150
October 2009
2
M9999-102309-A
Ordering Information
Part Number
Output Current
Voltage
Junction Temp. Range
Package
MIC47150WD*
1.5A
Adjustable
–40° to +125°C
5-Pin TO-252
Note:
* RoHS compliant with ‘high-melting solder’ exemption.
Pin Configuration
5-Pin TO-252 D-Pak (D)
Pin Description
Pin Number
Pin Name
Pin Name
1
ADJ
Adjustable Regulator Feedback Input: Connect to the resistor voltage divider that is
placed from OUT to GND in order to set the output voltage.
2
BIAS
Input Bias Voltage: Voltage for powering all internal circuitry of the regulator with the
exception of the output power device.
3
GND, TAB
Ground: TAB is also connected internally to the IC’s ground on D-Pak.
4
IN
Input Voltage: Supplies the current to the output power device
5
OUT
Regulator Output: The output voltage is set by the resistor divider connected from OUT to
GND (with the divided connection tied to ADJ). A minimum value capacitor must be used
to maintain stability. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com