Electronic Components Datasheet Search
  English  ▼

X  

LC72137 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC72137
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72137 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC72137 Datasheet HTML 12Page - Sanyo Semicon Device LC72137 Datasheet HTML 13Page - Sanyo Semicon Device LC72137 Datasheet HTML 14Page - Sanyo Semicon Device LC72137 Datasheet HTML 15Page - Sanyo Semicon Device LC72137 Datasheet HTML 16Page - Sanyo Semicon Device LC72137 Datasheet HTML 17Page - Sanyo Semicon Device LC72137 Datasheet HTML 18Page - Sanyo Semicon Device LC72137 Datasheet HTML 19Page - Sanyo Semicon Device LC72137 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
No. 5743-16/23
LC72137, 72137M
IF Counter Structure
The LC72137 IF counter is a 20-bit binary counter, and takes the IF signal from the IFIN pin as its input. The result of
the count can be read out serially, MSB first, from the DO pin.
The IF frequency (Fc) is measured by determining how many pulses were input to the IF counter in the stipulated
measurement time, GT.
Fc =
(C = Fc
× GT)
C: count value (number of pulses)
Sample IF Counter Frequency Calculations
1. For a measurement time (GT) of 32 ms and a count value (C) of 53980 (hexadecimal), which is 342,400 (decimal)
IF frequency (Fc) = 342,400 ÷ 32 ms = 10.7 MHz
2. For a measurement time (GT) of 8 ms and a count value (C) of E10 (hexadecimal), which is 3600 (decimal)
IF frequency (Fc) = 3600 ÷ 8 ms = 450 kHz
C
GT
GT1
GT0
Measurement time
Measurement period (GT) (ms)
Wait time (tWU) (ms)
0
0
4
3 to 4
0
1
8
3 to 4
1
0
16
7 to 8
1
1
32
7 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com