Electronic Components Datasheet Search
  English  ▼

X  

LC72137 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72137
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72137 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72137 Datasheet HTML 1Page - Sanyo Semicon Device LC72137 Datasheet HTML 2Page - Sanyo Semicon Device LC72137 Datasheet HTML 3Page - Sanyo Semicon Device LC72137 Datasheet HTML 4Page - Sanyo Semicon Device LC72137 Datasheet HTML 5Page - Sanyo Semicon Device LC72137 Datasheet HTML 6Page - Sanyo Semicon Device LC72137 Datasheet HTML 7Page - Sanyo Semicon Device LC72137 Datasheet HTML 8Page - Sanyo Semicon Device LC72137 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
No. 5743-3/23
LC72137, 72137M
Electrical Characteristics within the allowable operating ranges
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Rf1
XIN
8.0
M
Ω
Internal feedback resistors
Rf2
FMIN
500
k
Ω
Rf3
AMIN
500
k
Ω
Rf4
IFIN
250
k
Ω
Internal pull-down resistors
Rpd1
FMIN
200
k
Ω
Rpd2
AMIN
200
k
Ω
Internal output resistor
Rd
XOUT
250
k
Ω
Hysteresis
VHIS
CE, CL, DI, IO1, IO2
0.1 VDD
V
Output high-level voltage
VOH1
PD: IO = –1 mA
VDD – 1.0
V
VOL1
PD: IO = 1 mA
1.0
V
VOL2
BO1 to BO4, IO1, IO2; IO = 1 mA
0.25
V
Output low-level voltage
BO1 to BO4, IO1, IO2; IO = 5 mA
1.25
V
VOL3
DO: IO = 1 mA
0.25
V
VOL4
AOUT, AIN = 1.3 V
0.5
IIH1
CE, CL, DI: VI = 6.5 V
5.0
µA
IIH2
IO1, IO2: VI = 13 V
5.0
µA
Input high-level voltage
IIH3
XIN: VI = VDD
0.16
0.9
µA
IIH4
FMIN, AMIN: VI = VDD
2.5
15
µA
IIH5
IFIN: VI = VDD
5.0
30
µA
IIH6
AIN: VI = 6.5 V
200
nA
IIL1
CE, CL, DI: VI = 0 V
5.0
µA
IIL2
IO1, IO2: VI = 0 V
5.0
µA
Input low-level current
IIL3
XIN: VI = 0 V
0.16
0.9
µA
IIL4
FMIN, AMIN: VI = 0 V
2.5
15
µA
IIL5
IFIN: VI = 0 V
5.0
30
µA
IIL6
AIN: VI = 0 V
200
nA
Output off leakage current
IOFF1
BO1 to BO4, AOUT, IO1, IO2: VO = 13 V
5.0
µA
IOFF2
DO: VO = 6.5 V
5.0
µA
High-level three-state off
IOFFH
PD: VO = VDD
0.01
200
nA
leakage current
Low-level three-state off
IOFFL
PD: VO = 0 V
0.01
200
nA
leakage current
Input capacitance
CIN
FMIN
6
pF
IDD1
VDD: Xtal = 75 kHz, fIN2 = 130 MHz, VIN2 = 20 mVrms
2.5
6
mA
Current drain
IDD2
VDD: PLL block stopped (PLL inhibit),
20
mA
Xtal oscillator operating (Xtal = 75 kHz)
IDD3
VDD: PLL block stopped, Xtal oscillator stopped
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com