Electronic Components Datasheet Search
  English  ▼

X  

LC72137 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72137
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72137 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72137 Datasheet HTML 1Page - Sanyo Semicon Device LC72137 Datasheet HTML 2Page - Sanyo Semicon Device LC72137 Datasheet HTML 3Page - Sanyo Semicon Device LC72137 Datasheet HTML 4Page - Sanyo Semicon Device LC72137 Datasheet HTML 5Page - Sanyo Semicon Device LC72137 Datasheet HTML 6Page - Sanyo Semicon Device LC72137 Datasheet HTML 7Page - Sanyo Semicon Device LC72137 Datasheet HTML 8Page - Sanyo Semicon Device LC72137 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
No. 5743-2/23
LC72137, 72137M
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1 max
CE, CL, DI, AIN
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN, FMIN, AMIN, IFIN
–0.3 to VDD + 0.3
V
VIN3 max
IO1, IO2
–0.3 to +15
V
VO1 max
DO
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT, PD
–0.3 to VDD + 0.3
V
VO3 max
BO1 to BO5, BOF, IO1, IO2, AOUT
–0.3 to +15
V
Maximum output current
IO max
BO1 to BO4, IO1, IO2, DO, AOUT
0 to 6.0
mA
Allowable power dissipation
Pd max
Ta
≤ 70°C: LC72136N (DIP22S)
350
mW
Ta
≤ 70°C: LC72136NM (MFP20)
180
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
2.5
3.6
V
Input high-level voltage
VIH1
CE, CL, DI
0.7 VDD
6.5
V
VIH2
IO1, IO2
0.7 VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3 VDD
V
Output voltage
VO1
DO
0
6.5
V
VO2
BO1 to BO4, IO1, IO2, AOUT
0
13
V
fIN1
XIN: VIN1
75
kHz
fIN2
FMIN: VIN2
10
160
MHz
Input frequency
fIN3
AMIN: VIN3, SNS = 1
2
40
MHz
fIN4
AMIN: VIN4, SNS = 0
0.5
10
MHz
fIN5
IFIN: VIN5
0.4
12
MHz
VIN1
XIN: fIN1
200
800
mVrms
VIN2-1
FMIN: f = 10 to 130 MHz
20
800
mVrms
VIN2-2
FMIN: f = 130 to 160 MHz
40
800
mVrms
Input amplitude
VIN3
AMIN: fIN3, SNS = 1
40
800
mVrms
VIN4
AMIN: fIN4, SNS = 0
40
800
mVrms
VIN5-1
IFIN: fIN5, IFS = 1
40
800
mVrms
VIN5-2
IFIN: fIN6, IFS = 0
70
800
mVrms
Guaranteed crystal
Xtal
XIN, XOUT *
75
kHz
oscillator frequency
Allowable Operating Ranges at Ta = –20 to +70°C, VSS = 0 V
* Note : Recommended crystal oscillator CI value : CI
≤ 35 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com