Electronic Components Datasheet Search
  English  ▼

X  

LC7215 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7215
Description  MW/LW PLL Frequency Synthesizers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7215 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7215 Datasheet HTML 1Page - Sanyo Semicon Device LC7215 Datasheet HTML 2Page - Sanyo Semicon Device LC7215 Datasheet HTML 3Page - Sanyo Semicon Device LC7215 Datasheet HTML 4Page - Sanyo Semicon Device LC7215 Datasheet HTML 5Page - Sanyo Semicon Device LC7215 Datasheet HTML 6Page - Sanyo Semicon Device LC7215 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS =0 V
Values in parentheses are for the LC7215F and LC7215FM.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +6.5
V
Input voltage
VIN1
All input pins
–0.3 to VDD +0.3
V
VIN2
CE, CL, DATA
(Note) –0.3 to +6.5
V
Output current
IOUT
AOUT
0 to 5
mA
Output voltage
VOUT1
AOUT
–0.3 to +15
V
VOUT2
SYC, TB
–0.3 to +6.5
V
VOUT3
All output pins except VOUT1 and VOUT2
–0.3 to VDD +0.3
V
Allowable power
dissipation
Pd max
Ta
% 85°C
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Note: Voltage that is applied to the resistors when resistors totaling at least 10 k
Ω are connected to a pin in series.
Allowable Operating Conditions at VSS =0 V
Values in parentheses are for the LC7215F and LC7215FM.
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD1VDD
(4.5)3.0
(5.5)5.5
V
VDD2VDD (Crystal OSC oscillation guaranteed)
3.0
5.5
V
High-level input voltage
VIH
CE, CL, DATA
2.0
VDD1V
Low-level input voltage
VIL
CE, CL, DATA
0
0.5
V
Output voltage
VOUT1
AOUT
13
V
VOUT2
SYC, TB
5.5
V
Input frequency
fIN1
PIN: Sine wave, capacitive coupling VDD1,
*S=1
(2.3)2.3
(20)13
MHz
fIN2
PIN: Sine wave, capacitive coupling VDD1,
*S=0
0.5
2.5
MHz
Oscillation guaranteed
crystal oscillator
X’tal
XIN, XOUT: CI
% 30
Ω
8.00
11.16
12.00
MHz
Input amplitude
VIN1
PIN: Square wave, capacity connection VDD1,
*S=1
100
1000
mVrms
VIN2
PIN: Square wave, capacity connection VDD1,
*S=0
100
1000
mVrms
Power supply
—
VDD,VSS: A capacitor of at least 1000 pF
must be inserted.
1000
pF
LC7215, 7215F, 7215FM
No.3584-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com