Electronic Components Datasheet Search
  English  ▼

X  

LC7215 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7215
Description  MW/LW PLL Frequency Synthesizers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7215 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7215 Datasheet HTML 1Page - Sanyo Semicon Device LC7215 Datasheet HTML 2Page - Sanyo Semicon Device LC7215 Datasheet HTML 3Page - Sanyo Semicon Device LC7215 Datasheet HTML 4Page - Sanyo Semicon Device LC7215 Datasheet HTML 5Page - Sanyo Semicon Device LC7215 Datasheet HTML 6Page - Sanyo Semicon Device LC7215 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics within the allowable operating ranges
Values in parentheses are for LC7215F and LC7215FM.
Parameter
Symbol
Conditions
min
typ
max
Unit
High-level input currents
IIH1
XIN: VI =VDD
20
µA
IIH2
PIN: VI =VDD
40
µA
IIH3
CE, CL, DATA: VI =VDD
3.0
µA
IIH4
AIN: VI =VDD
0.01
1.0
µA
Low-level input currents
IIL1
XIN: VI =VSS
20
µA
IIL2
PIN: VI =VSS
40
µA
IIL3
CE, CL, DATA: VI =VSS
3.0
µA
IIL4
AIN: VI =VSS
0.01
1.0
µA
High-level output voltages
VOH1
DOUT: IO =1 mA
VDD
–1.0
V
VOH2
PDOUT: IO = 0.5 mA
VDD
–1.0
V
Low-level output voltages
VOL1
DOUT: IO = –1 mA
1.0
V
VOL2
PDOUT: IO = –0.5 mA
1.0
V
VOL4
SYC, TB: IO = 0.5 mA
1.0
V
VOL5
AOUT: IO = 1 mA
1.0
V
Output off-state leakage
currents
IOFF1
SYC, TB: VO =VDD
3.0
µA
IOFF2
AOUT: VO = 13 V
5.0
µA
Tristate output High-level
off-state leakage current
IOFFH
PDOUT: VO =VDD
0.01
1.0
nA
Tristate output Low-level
off-state leakage current
IOFFL
PDOUT: VO =VSS
0.01
1.0
nA
High-level output voltage
VOH3
XOUT: IO = –0.1 mA
VDD
–1.0
V
Low-level output voltage
VOL3
XOUT: IO = 0.1 mA
1.0
V
Supply current
IDD1
VDD:fIN1 = 13 MHz, *S = 1 (High speed)
(Note 1)
10
mA
fIN1 = 20 MHz, *S = 1 (High speed)
(Note 1)
(12)
mA
IDD2
VDD:fIN1 = 2.5 MHz, *S = 0 (Low speed)
(Note 1)
5mA
IDD3
VDD:VDD = 5.5 V, *O = 0, P = 1 (Note 2)
1.2
2.0
mA
VDD = 4.5 V, *O = 0, P = 1 (Note 2)
0.7
1.5
mA
VDD = 3.0 V, *O = 0, P = 1 (Note 2)
0.4
1.0
mA
* S, O and P are serial control bits.
Note 1. VIN1= VIN2 = 100 mVms. The 11.16 MHz crystal is connected to XIN and XOUT. All other inputs are connected to VSS
and all other outputs are open.
2. The 11.16 MHz crystal is connected to XIN and XOUT. All other inputs are connected to VDD and all other outputs are
open. (Backup mode when PLL is halted.)
Pin Assignment
LC7215, 7215F, 7215FM
No.3584-3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com