Electronic Components Datasheet Search
  English  ▼

X  

LC7215 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7215
Description  MW/LW PLL Frequency Synthesizers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7215 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7215 Datasheet HTML 1Page - Sanyo Semicon Device LC7215 Datasheet HTML 2Page - Sanyo Semicon Device LC7215 Datasheet HTML 3Page - Sanyo Semicon Device LC7215 Datasheet HTML 4Page - Sanyo Semicon Device LC7215 Datasheet HTML 5Page - Sanyo Semicon Device LC7215 Datasheet HTML 6Page - Sanyo Semicon Device LC7215 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Block Diagram
Pin Description
Name
Description
XIN, XOUT
11.16 MHz crystal oscillator connection, feedback
resistance built-in
PIN
Local oscillator signal input
VDD,VSS
Power supply
DATA, CL, CE
Data input
DOUT
Single bit data output
AIN, AOUT
Low-pass filter amplifier
PDOUT
Charge pump output
TB
8 Hz time-base output
SYC
60 kHz controller clock output
LC7215, 7215F, 7215FM
No.3584-4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com