Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3070
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3070 Datasheet HTML 15Page - Linear Technology LT3070 Datasheet HTML 16Page - Linear Technology LT3070 Datasheet HTML 17Page - Linear Technology LT3070 Datasheet HTML 18Page - Linear Technology LT3070 Datasheet HTML 19Page - Linear Technology LT3070 Datasheet HTML 20Page - Linear Technology LT3070 Datasheet HTML 21Page - Linear Technology LT3070 Datasheet HTML 22Page - Linear Technology LT3070 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3083
19
3083f
TYPICAL APPLICATIONS
+
–
LT3083
IN
VIN
VCONTROL
OUT
VOUT
3083 TA02
SET
R1
ON OFF
SHUTDOWN
Q1
VN2222LL
Q2*
VN2222LL
Q2 INSURES ZERO OUTPUT
IN THE ABSENCE OF ANY
OUTPUT LOAD.
*
Adding Shutdown
Current Source
Low Dropout Voltage LED Driver
DAC-Controlled Regulator
+
–
LT3083
IN
1A
D1
VCONTROL
OUT
VIN
3083 TA04
SET
R1
20k
R2
1Ω
C1
+
–
LT3083
IN
VCONTROL
OUT
10μF
VIN
3083 TA05
SET
450k
VOUT
150k
150k
LT1991
GAIN = 4
SPI
LTC2641
+
–
LT3083
IN
VCONTROL
OUT 0.33Ω
20k
3083 TA03
SET
IOUT
0A TO 3A
10μF
VIN
10V
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com