Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3070
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3070 Datasheet HTML 20Page - Linear Technology LT3070 Datasheet HTML 21Page - Linear Technology LT3070 Datasheet HTML 22Page - Linear Technology LT3070 Datasheet HTML 23Page - Linear Technology LT3070 Datasheet HTML 24Page - Linear Technology LT3070 Datasheet HTML 25Page - Linear Technology LT3070 Datasheet HTML 26Page - Linear Technology LT3070 Datasheet HTML 27Page - Linear Technology LT3070 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3083
28
3083f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0111 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Paralleling Regulators
+
–
LT3083
IN
VIN
4.8V TO 28V
VCONTROL
OUT
10mΩ
VOUT
3.3V
6A
3083 TA16
33.2k
SET
22μF
10μF
+
–
LT3083
IN
VCONTROL
OUT 10mΩ
SET
PART NUMBER DESCRIPTION
COMMENTS
LT1185
3A Negative Low Dropout Regulator
VIN: –4.5V to –35V, 0.8V Dropout Voltage, DD-PAK and TO-220 Packages
LT1764/
LT1764A
3A, Fast Transient Response,
Low Noise LDO
340mV Dropout Voltage, Low Noise: 40μVRMS, VIN = 2.7V to 20V, TO-220 and DD Packages.
“A” Version Stable Also with Ceramic Capacitors
LT1963/A
1.5A Low Noise, Fast Transient
Response LDO
340mV Dropout Voltage, Low Noise: 40μVRMS, VIN = 2.5V to 20V, “A” Version Stable with
Ceramic Capacitors, TO-220, DD, SOT-223 and SO-8 Packages
LT1965
1.1A, Low Noise, Low Dropout
Linear Regulator
290mV Dropout Voltage, Low Noise: 40μVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V,
Stable with Ceramic Capacitors, TO-220, DD-PAK, MSOP and 3mm × 3mm DFN Packages
LT3022
1A, Low Voltage, VLDO Linear
Regulator
VIN: 0.9V to 10V, Dropout Voltage: 145mV Typical, Adjustable Output (VREF = VOUT(MIN) = 200mV),
Stable with Low ESR, Ceramic Output Capacitors, 16-Pin DFN (5mm × 3mm) and
16-Lead MSOP Packages
LT3070
5A, Low Noise, Programmable VOUT,
85mV Dropout Linear Regulator with
Digital Margining
Dropout Voltage: 85mV, Digitally Programmable VOUT: 0.8V to 1.8V, Digital Output Margining:
±1%, ±3% or ±5%, Low Output Noise: 25μVRMS (10Hz to 100kHz), Parallelable: Use Two for a
10A Output, Stable with Low ESR Ceramic Output Capacitors (15μF Minimum),
28-Lead 4mm × 5mm QFN Package
LT3071
5A, Low Noise, Programmable Vout,
85mV Dropout Linear Regulator with
Analog Margining
Dropout Voltage: 85mV, Digitally Programmable VOUT: 0.8V to 1.8V, Analog Margining: ±10%,
Low Output Noise: 25μVRMS (10Hz to 100kHz), Parallelable: Use Two for a 10A Output, IMON
Output Current Monitor, Stable with Low ESR Ceramic Output Capacitors (15μF Minimum),
28-Lead 4mm × 5mm QFN Package
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise, Low
Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V, VOUT: 0V
to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp
Required), Stable with Ceramic Capacitors, TO-220, DD-PAK, SOT-223, MS8E and 3mm × 3mm
DFN-8 Packages; “-1” Version Has Integrated Internal Ballast Resistor
LT3082
200mA, Parallelable, Single Resistor,
Low Dropout Linear Regulator
Outputs May Be Paralleled for Higher Output, Current or Heat Spreading, Wide Input Voltage
Range: 1.2V to 40V, Low Value Input/Output Capacitors Required: 0.22μF, Single Resistor Sets
Output Voltage, 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages
LT3085
500mA, Parallelable, Low Noise,
Low Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V, VOUT: 0V
to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp
Required), Stable with Ceramic Capacitors, MS8E and 2mm × 3mm DFN-6 Packages
LTC3026
1.5A, Low Input Voltage VLDO
Linear Regulator
VIN: 1.14V to 3.5V (Boost Enabled), 1.14V to 5.5V (with External 5V), VDO = 0.1V, IQ = 950μA,
Stable with 10μF Ceramic Capacitors, 10-Lead MSOP-E and DFN-10 Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com