Electronic Components Datasheet Search
  English  ▼

X  

LT3070 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3070
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 5 Page - Linear Technology

  LT3070 Datasheet HTML 1Page - Linear Technology LT3070 Datasheet HTML 2Page - Linear Technology LT3070 Datasheet HTML 3Page - Linear Technology LT3070 Datasheet HTML 4Page - Linear Technology LT3070 Datasheet HTML 5Page - Linear Technology LT3070 Datasheet HTML 6Page - Linear Technology LT3070 Datasheet HTML 7Page - Linear Technology LT3070 Datasheet HTML 8Page - Linear Technology LT3070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3083
5
3083f
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage Distribution
Offset Voltage (VOUT – VSET)
Offset Voltage (VOUT – VSET)
Load Regulation
Minimum Load Current
Dropout Voltage, T/Q Packages
(Minimum IN Voltage)
SET Pin Current
Set Pin Current Distribution
–50
49.6
49.7
50
150
3083 G01
49.5
49.8
49.9
50.5
50.4
50.3
50.2
50.1
50.0
25
–25
0
75
100 125
TEMPERATURE (°C)
Offset Voltage (VOUT – VSET)
0
5
25
3083 G05
–1.00
–0.75
–0.50
1.00
0.75
0.50
0.25
0
–0.25
10
15
20
INPUT-TO-OUTPUT VOLTAGE (V)
ILOAD = 5mA
0
0.5
3
3083 G06
–1.75
–1.50
–1.25
0.25
0
–0.25
–0.50
–0.75
–1.00
1
1.5
2.5
2
LOAD CURRENT (A)
TJ = 25°C
TJ = 125°C
–50
50
150
3083 G07
–1.6
–1.4
0
–0.2
–0.6
–0.8
–1.0
–1.2
25
–25
0
75
100 125
TEMPERATURE (°C)
–0.4
–300
–250
100
50
–50
–100
–150
–200
0
CHANGE IN REFERENCE CURRENT
CHANGE IN OFFSET VOLTAGE (VOUT – VSET)
ΔILOAD = 5mA TO 3A
VIN = VCONTROL = VOUT + 2V
–50
50
150
3083 G08
0
0.2
1.4
1.2
1.0
0.8
0.6
0.4
25
–25
0
75
100 125
TEMPERATURE (°C)
VIN,CONTROL – VOUT = 1.5V
VIN,CONTROL – VOUT = 23V
VIN = VCONTROL
0
0.5
3
3083 G09
0
50
100
400
350
300
250
200
150
1
1.5
2
2.5
LOAD CURRENT (A)
TJ = 125°C
TJ = 25°C
TJ = –50°C
TA = 25°C, unless otherwise noted.
49
51
3083 G02
49.5
50
50.5
SET PIN CURRENT DISTRIBUTION (μA)
N = 1052
–50
50
150
3083 G03
–1.0
–0.4
1.0
0.8
0.4
0.2
0
–0.2
–0.8
–0.6
25
–25
0
75
100 125
TEMPERATURE (°C)
0.6
ILOAD = 5mA
–3
3
3083 G04
–2
–1
0
2
1
VOS DISTRIBUTION (mV)
N = 1052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com