Electronic Components Datasheet Search
  English  ▼

X  

LT3512 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3512
Description  Monolithic High Voltage Isolated Flyback Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512 Datasheet(HTML) 1 Page - Linear Technology

  LT3512 Datasheet HTML 1Page - Linear Technology LT3512 Datasheet HTML 2Page - Linear Technology LT3512 Datasheet HTML 3Page - Linear Technology LT3512 Datasheet HTML 4Page - Linear Technology LT3512 Datasheet HTML 5Page - Linear Technology LT3512 Datasheet HTML 6Page - Linear Technology LT3512 Datasheet HTML 7Page - Linear Technology LT3512 Datasheet HTML 8Page - Linear Technology LT3512 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3512
1
3512f
TYPICAL APPLICATION
DESCRIPTION
Monolithic High Voltage
Isolated Flyback Converter
The LT3512 is a high voltage monolithic switching regula-
tor specifically designed for the isolated flyback topology.
No third winding or opto-isolator is required for regula-
tion as the part senses output voltage directly from the
primary-side flyback waveform. The device integrates a
420mA, 150V power switch, high voltage circuitry, and
control into a high voltage 16-lead MSOP package with
four leads removed.
The LT3512 operates from an input voltage range of 4.5V
to 100V and delivers up to 4.5W of isolated output power.
Two external resistors and the transformer turns ratio
easily set the output voltage. Off-the-shelf transformers
are available for several applications. The high level of
integration and the use of boundary mode operation results
in a simple, clean, tightly regulated application solution to
the traditionally tough problem of isolated power delivery.
48V to 5V Isolated Flyback Converter
FEATURES
APPLICATIONS
n 4.5V to 100V Input Voltage Range
n Internal 420mA, 150V Power Switch
n Boundary Mode Operation
n No Transformer Third Winding or
Opto-Isolator Required for Regulation
n Improved Primary-Side Winding Feedback
Load Regulation
n VOUT Set with Two External Resistors
n BIAS Pin for Internal Bias Supply and Power
Switch Driver
n No External Start-Up Resistor
n 16-Lead MSOP Package
n Isolated Telecom Power Supplies
n Isolated Auxiliary/Housekeeping Power Supplies
n Isolated Industrial, Automotive and Medical Power
Supplies
EN/UVLO
TC
RFB
RREF
SW
VC
GND BIAS
LT3512
3512 TA01a
57.6k
12.7k
VIN
36V TO 72V
VOUT
+
5V
0.5A
VOUT
–
VIN
4:1
1M
43.2k
1μF
11μH
175μH
47μF
4.7nF
4.7μF
10k
169k
LOAD CURRENT (mA)
0
4.75
4.85
4.95
5.05
100
200
400
300
3512 TA01b
5.15
5.25
4.80
4.90
5.00
5.10
5.20
500
VIN = 36V
VIN = 72V
VIN = 48V
Output Load and Line Regulation
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5438499, 7471522.


Similar Part No. - LT3512

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3512 LINER-LT3512 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3512 LINER-LT3512 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT3512 LINER-LT3512 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT3512 AD-LT3512 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT3512 AD-LT3512 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
More results

Similar Description - LT3512

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3511 LINER-LT3511 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Rohm
BD7F100HFN-LB ROHM-BD7F100HFN-LB Datasheet
2Mb / 32P
Optocoupler-less Isolated Flyback Converter
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
Optocoupler-less Isolated Flyback Converter
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
logo
Monolithic Power System...
EV3908DK-00C MPS-EV3908DK-00C Datasheet
296Kb / 6P
High Efficiency Isolated Flyback Converter EV Board
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com