Electronic Components Datasheet Search
  English  ▼

X  

LT3512 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3512
Description  Monolithic High Voltage Isolated Flyback Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3512 Datasheet HTML 9Page - Linear Technology LT3512 Datasheet HTML 10Page - Linear Technology LT3512 Datasheet HTML 11Page - Linear Technology LT3512 Datasheet HTML 12Page - Linear Technology LT3512 Datasheet HTML 13Page - Linear Technology LT3512 Datasheet HTML 14Page - Linear Technology LT3512 Datasheet HTML 15Page - Linear Technology LT3512 Datasheet HTML 16Page - Linear Technology LT3512 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3512
13
3512f
APPLICATIONS INFORMATION
Table 2 and 3 show some recommended diodes and Zener
diodes.
Table 2. Recommended Zener Diodes
PART
VZENER
(V)
POWER
(W)
CASE
VENDOR
MMSZ5266BT1G
68
0.5
SOD-123
On Semi
MMSZ5270BT1G
91
0.5
SOD-123
CMHZ5266B
68
0.5
SOD-123
Central
Semiconductor
CMHZ5267B
75
0.5
SOD-123
BZX84J-68
68
0.5
SOD323F NXP
BZX100A
100
0.5
SOD323F
Table 3. Recommended Diodes
PART
I (A)
VREVERSE
(V)
VENDOR
DFLS1100
1.0
100
Diodes Inc.
DFLS1150
1.0
150
Leakage Inductance Blanking
When the power switch turns off, the flyback pulse ap-
pears. However, a finite time passes before the trans-
former primary-side voltage waveform approximately
represents the output voltage. Rise time on the SW node
and transformer leakage inductance cause the delay. The
leakage inductance also causes a very fast voltage spike
on the primary side of the transformer. The amplitude of
the leakage spike is largest when power switch current is
highest. Introduction of an internal fixed delay between
switch turn-off and the start of sampling provides im-
munity to the phenomena discussed above. The LT3512
sets internal blanking to 150ns. In certain cases leakage
inductance spikes last longer than the internal blanking,
but will not significantly affect output regulation.
Secondary Leakage Inductance
In addition to primary leakage inductance, secondary leak-
age inductance exhibits an important effect on application
design. Secondary leakage inductance forms an inductive
divider on the transformer secondary. The inductive divider
effectively reduces the size of the primary-referred flyback
pulse. The smaller flyback pulse results in a higher regulated
output voltage. The inductive divider effect of secondary
leakage inductance is load independent. RFB/RREF ratio
adjustments can accommodate this effect to the extent
secondary leakage inductance is a constant percentage
of mutual inductance (over manufacturing variations).
Winding Resistance Effects
Resistance in either the primary or secondary will reduce
overall efficiency (POUT/PIN). Good output voltage regula-
tion will be maintained independent of winding resistance
due to the boundary mode operation of the LT3512.
Bifilar Winding
A bifilar, or similar winding technique, is a good way to
minimize troublesome leakage inductances. However, re-
member that this will also increase primary-to-secondary
capacitance and limit the primary-to-secondary breakdown
voltage, so bifilar winding is not always practical. The
Linear Technology applications group is available and
extremely qualified to assist in the selection and/or design
of the transformer.
APPLICATION DESIGN CONSIDERATIONS
Iterative Design Process
The LT3512 uses a unique sampling scheme to regulate
the isolated output voltage. The use of this isolated scheme
requires a simple iterative process to choose feedback
resistors and temperature compensation. Feedback re-
sistor values and temperature compensation resistance
is heavily dependent on the application, transformer and
output diode chosen.
Once resistor values are fixed after iteration, the values
will produce consistent output voltages with the chosen
transformer and output diode. Remember, the turns ratio
of the transformer must be guaranteed within ±1%. The
transformer vendors mentioned in this data sheet can
build transformers to this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com