Electronic Components Datasheet Search
  English  ▼

X  

LT3512 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3512
Description  Monolithic High Voltage Isolated Flyback Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3512 Datasheet HTML 16Page - Linear Technology LT3512 Datasheet HTML 17Page - Linear Technology LT3512 Datasheet HTML 18Page - Linear Technology LT3512 Datasheet HTML 19Page - Linear Technology LT3512 Datasheet HTML 20Page - Linear Technology LT3512 Datasheet HTML 21Page - Linear Technology LT3512 Datasheet HTML 22Page - Linear Technology LT3512 Datasheet HTML 23Page - Linear Technology LT3512 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3512
21
3512f
TYPICAL APPLICATIONS
3512 TA05
R5
69.8k
VIN
20V TO 30V
VOUT
+
5V
0.45A
VOUT
–
6:1
D1
R1
1M
R2
80.6k
C1
4.7μF
C4
47μF
T1
200μH
5.5μH
R4
10k
R3
249k
R6
6.49k
C2
4.7nF
C3
4.7μF
D2
Z1
EN/UVLO
TC
VC
GND
BIAS
LT3512
VIN
SW
RFB
RREF
C1: TAIYO YUDEN UMK316AB7475KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: TAIYO YUDEN LMK32587476MM-TR
D1: DIODES INC. SBR2A30P1
D2: DIODES INC. DFLS1100
T1: SUMIDA 10396-T027
Z1: ON SEMI MMSZ5270BT1G
24V to 5V Isolated Flyback Converter
24V to 15V Isolated Flyback Converter
3512 TA06
R5
150k
VIN
20V TO 30V
VOUT
+
15V
0.15A
VOUT
–
2:1
D1
R1
1M
R2
80.6k
C1
4.7μF
C4
22μF
T1
200μH
50μH
R4
10k
R3
237k
R6
20k
C2
4.7nF
C3
4.7μF
D2
Z1
EN/UVLO
TC
VC
GND
BIAS
LT3512
VIN
SW
RFB
RREF
C1: TAIYO YUDEN UMK316AB7475KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM32ER71E226KE158
D1: DIODES INC. SBR140S3
D2: DIODES INC. DFLS1100
T1: SUMIDA 10396-T023
Z1: ON SEMI MMSZ5270BT1G
3512 TA08
R5
107k
VIN
8V TO 20V
VOUT
+
15V
70mA
VOUT
–
2:1
D1
OPTIONAL
MINIMUM LOAD
R1
1M
R2
562k
C1
4.7μF
C4
10μF
T1
150μH
38μH
R4
10k
R3
237k
R6
21.5k
C2
6.8nF
C3
4.7μF
D2
Z1
Z2
EN/UVLO
TC
VC
GND
BIAS
LT3512
VIN
SW
RFB
RREF
C1: TAIYO YUDEN UMK316AB7475KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM32ER7IE226K
D1: DIODES INC. SBR2A40P1
D2: DIODES INC. DFLS1100
T1: WÜRTH 750311661
Z1: ON SEMI MMSZ5270BT1G
12V to 15V Isolated Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com