Electronic Components Datasheet Search
  English  ▼

X  

LT3688 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3688
Description  Dual 800mA Step-Down Switching Regulator with Power-On Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3688 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3688 Datasheet HTML 9Page - Linear Technology LT3688 Datasheet HTML 10Page - Linear Technology LT3688 Datasheet HTML 11Page - Linear Technology LT3688 Datasheet HTML 12Page - Linear Technology LT3688 Datasheet HTML 13Page - Linear Technology LT3688 Datasheet HTML 14Page - Linear Technology LT3688 Datasheet HTML 15Page - Linear Technology LT3688 Datasheet HTML 16Page - Linear Technology LT3688 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3688
13
3688f
APPLICATIONS INFORMATION
Setting the Output Voltage
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resistors
according to:
R1
= R2
VOUT
0.8V
–1
⎛
⎝⎜
⎞
⎠⎟
For reference designators, refer to the Block Diagram.
Setting the Switching Frequency
The LT3688 uses a constant-frequency PWM architecture
that can be programmed to switch from 350 kHz to 2.2 MHz
by using a resistor tied from the RT pin to ground. Table 1
shows the RT values for various switching frequencies
Table 1. Switching Frequency vs RT
SWITCHING FREQUENCY (MHz)
RT
(kΩ)
0.35
165
0.5
110
0.6
88.7
0.7
75
0.8
64.9
0.9
56.2
1
49.9
1.2
40.2
1.4
33.2
1.6
27.4
1.8
23.2
2.1
20
2.3
17.4
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size and maximum input voltage.
The advantage of high frequency operation is that
smaller inductor and capacitor values may be used. The
disadvantages are lower efficiency, and narrower input
voltage range at constant-frequency. The highest constant-
switching frequency (fSW(MAX)) for a given application can
be calculated as follows:
fSW(MAX) =
VOUT + VF
tON(MIN) VIN + VF –VSW
()
where VIN is the typical input voltage, VOUT is the output
voltage, VF is the catch diode drop (~0.5V) and VSW is
the internal switch drop (~0.3V at maximum load). If the
LT3688 is programmed to operate at a frequency higher
than fSW(MAX) for a given input voltage, the LT3688 enters
pulse skip mode, where it skips switching cycles to maintain
regulation. At frequencies higher than fSW(MAX), the LT3688
no longer operates with constant frequency. The LT3688
enters pulse skip mode at frequencies higher than fSW(MAX)
because of the limitation on the LT3688’s minimum on time
of 140ns (180ns for TJ>125°C).Astheswitchingfrequency
is increased above fSW(MAX), the part is required to switch
for shorter periods to maintain the same duty cycle. Delays
associated with turning off the power switch dictate the
minimum on-time of the part. When the required on-time
decreases below the minimum on-time of 140ns, the switch
pulse width remains fixed at 140ns (instead of becoming
narrower) to accommodate the same duty cycle require-
ment. The inductor current ramps up to a value exceeding
the load current and the output ripple increases. The part
then remains off until the output voltage dips below the
programmed value before it begins switching again.
Maximum Operating Voltage Range
The maximum input voltage for LT3688 applications
depends on switching frequency, the absolute maximum
ratings of the VIN and BST pins, and by the minimum
duty cycle (DCMIN). The LT3688 can operate from input
voltages up to 36V.
DCMIN = tON(MIN) • fSW
where tON(MIN) is equal to 140ns and fSW is the switching
frequency. Running at a lower switching frequency allows
a lower minimum duty cycle. The maximum input voltage
before pulse-skipping occurs depends on the output volt-
age and the minimum duty cycle:
VIN(PS) =
VOUT + VF
DCMIN
–VF + VSW
Example: f = 2.1MHz, VOUT = 3.3V
DCMIN = 140ns • 2.1MHz = 0.294
VIN(PS) =
3.3V
+ 0.5V
0.294
– 0.5V
+ 0.3V = 12.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com