Electronic Components Datasheet Search
  English  ▼

X  

LT3688 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3688
Description  Dual 800mA Step-Down Switching Regulator with Power-On Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3688 Datasheet(HTML) 3 Page - Linear Technology

  LT3688 Datasheet HTML 1Page - Linear Technology LT3688 Datasheet HTML 2Page - Linear Technology LT3688 Datasheet HTML 3Page - Linear Technology LT3688 Datasheet HTML 4Page - Linear Technology LT3688 Datasheet HTML 5Page - Linear Technology LT3688 Datasheet HTML 6Page - Linear Technology LT3688 Datasheet HTML 7Page - Linear Technology LT3688 Datasheet HTML 8Page - Linear Technology LT3688 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3688
3
3688f
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Undervoltage Lockout
l
3
3.5
3.8
V
Quiescent Current from VIN
VEN/UVLO = 0.3V
VBIAS = 5V, Not Switching
VBIAS = 0V, Not Switching
l
0.01
65
235
1
105
310
μA
μA
μA
Quiescent Current from BIAS
VEN/UVLO = 0.3V
VBIAS = 5V, Not Switching
VBIAS = 0V, Not Switching
l
0.01
155
–5
1
200
–20
μA
μA
μA
FB Voltage
l
0.790
0.784
0.800
0.810
0.814
V
V
FB Pin Bias Current
VFB = 0.800V
l
–3
–50
nA
FB Voltage Line Regulation
5V < VIN < 36V
0.002
%/V
Switching Frequency
RT = 20k, VBST = 12V
RT = 110k, VBST = 12V
l
l
1.85
460
2.1
500
2.35
540
MHz
kHz
Minimum Off-Time (Note 4)
VBST = 12V
l
115
180
ns
Switch Current Limit (Note 5)
DC = 15%
l
1.2
1.7
2.2
A
Switch VCESAT
ISW = 0.8A
280
mV
Switch Leakage Current (Note 8)
–0.01
–1
μA
DA Current Limit
l
0.9
1.2
1.6
A
Boost Schottky Reverse Leakage
VBIAS = 0V
0.01
2
μA
Minimum BST Voltage above SW
2.15
2.5
V
BST Pin Current
ISW = 0.8A
15
25
mA
EN/UVLO Threshold Voltage
l
1.15
1.25
1.35
V
EN/UVLO Input Current
VEN/UVLO = 1.35V
VEN/UVLO = 1.15V
2.5
0.3
46
μA
μA
Threshold Current Hysteresis
2.5
3.7
5.5
μA
RUN/SS Pin Current
VRUN/SS = 0V
–1.4
–2.8
–4
μA
RUN/SS Switching Threshold
0.15
0.8
1
V
SYNC Threshold Voltage
0.4
0.8
1.3
V
VUV
Reset Threshold
% of FB Voltage, VFB Falling
l
88
90
92
%
tRST
Reset Timeout Period
CPOR = 4700pF
l
21.2
23.5
25.8
ms
tWDU
Watchdog Window Upper Boundary
CWDT = 1000pF
l
18
20
22
ms
tWDL
Watchdog Window Lower Boundary
CWDT = 1000pF
l
0.8
1.25
1.6
ms
tWDTO
Watchdog Timeout Period
CWDT = 1000pF
2.5
ms
RST Output Voltage Low
ISINK = 2.5mA, VFB = 0.6V
ISINK = 100μA, VFB = 0.6V
l
l
0.2
0.01
0.4
0.3
V
V
tUV
UV Detect to RST Asserted
VFB Set to 0.680V
l
410
30
μs
WDI Input Threshold
l
0.4
0.95
1.3
V
WDI Input Pull-Up Current
–2
μA
WDI Input Pulse Width
l
300
ns
WDE Threshold Voltage
l
0.4
0.65
1
V
WDE Input Pull-Down Current
VWDE = 1.2V
3.5
μA
WDO Output Voltage Low
ISINK = 2.5mA
ISINK = 100μA
l
l
0.2
0.01
0.4
0.3
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com