Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1601 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1601 Datasheet HTML 1Page - Diodes Incorporated ZXLD1601 Datasheet HTML 2Page - Diodes Incorporated ZXLD1601 Datasheet HTML 3Page - Diodes Incorporated ZXLD1601 Datasheet HTML 4Page - Diodes Incorporated ZXLD1601 Datasheet HTML 5Page - Diodes Incorporated ZXLD1601 Datasheet HTML 6Page - Diodes Incorporated ZXLD1601 Datasheet HTML 7Page - Diodes Incorporated ZXLD1601 Datasheet HTML 8Page - Diodes Incorporated ZXLD1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXLD1601 is a PFM inductive boost converter
designed to provide output voltages of up to 28V from
a 2.5V to 5.5V input supply.
The ZXLD1601 includes the output switch and peak
current sense resistor, and can provide up to 10mA
output current at maximum output voltage. Higher
current is available at lower output voltages.
Quiescent current is typically 60 A and a shutdown
function is provided to reduce this current to less than
100nA in the ‘off’ state.
ADVANCED FEATURES
• Internal 30V NDMOS switch, current sense and
output setting resistors.
• True analogue output voltage control via PWM
with internal filter
FEATURES
• Low profile SC70-6 pin package
• Internal PWM filter for adjustable output
• High efficiency (85% typ)
• Wide input voltage range: 2.5V to 5.5V
• Up to 250mA output current at 5V
• Low quiescent current: (60 A typ)
• 100nA maximum shutdown current
• Up to 1MHz switching frequency
• Low external component count
Output voltage is set to a nominal value between 26V
and 28V, by an internal resistor network, but can be
adjusted to lower values by external resistors, an
external PWM control signal applied to the ‘Enable’
pin, or a combination of the two. Depending upon the
control frequency, the PWM signal will provide either
continuous (low ripple) or gated control. The PWM
filter components are contained within the chip.
Minimum output voltage is determined by the input
supply.
The device is assembled in a low profile SC70-6 pin
package.
APPLICATIONS
• LCD and OLED bias
• Cellular / mobile phones
• Digital cameras
• PDAs
• LCD modules
• Varactor and PIN diode bias
• Palmtop computers
ZXLD1601
ISSUE 3 - AUGUST 2004
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
IN SC70
1
PINOUT
TOP VIEW
TYPICAL APPLICATION CIRCUIT


Similar Part No. - ZXLD1601

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
More results

Similar Description - ZXLD1601

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
42V, DC-DC Boost Converter with adjustable Softstart
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
AUGUST 2004
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
Internal DC/DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com