Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1601 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1601 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1601 Datasheet HTML 1Page - Diodes Incorporated ZXLD1601 Datasheet HTML 2Page - Diodes Incorporated ZXLD1601 Datasheet HTML 3Page - Diodes Incorporated ZXLD1601 Datasheet HTML 4Page - Diodes Incorporated ZXLD1601 Datasheet HTML 5Page - Diodes Incorporated ZXLD1601 Datasheet HTML 6Page - Diodes Incorporated ZXLD1601 Datasheet HTML 7Page - Diodes Incorporated ZXLD1601 Datasheet HTML 8Page - Diodes Incorporated ZXLD1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
4
Pin No.
Name
Description
1
LX
Output of NDMOS switch
2
GND
Ground (0V)
3
FB
Feedback pin for voltage control loop
Nominal voltage 1.025V
4
EN
Enable input (active high to turn on device)
Also used to adjust output current by PWM signal.
Connect to Vin for permanent operation.
5
VSENSE
Output voltage sense
6
VIN
Input voltage (2.5V to 5.5V). Decouple with
capacitor close to device.
PIN DESCRIPTION
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com