Electronic Components Datasheet Search
  English  ▼

X  

LC7265 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7265
Description  Received Frequency Display for Radio Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7265 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7265 Datasheet HTML 1Page - Sanyo Semicon Device LC7265 Datasheet HTML 2Page - Sanyo Semicon Device LC7265 Datasheet HTML 3Page - Sanyo Semicon Device LC7265 Datasheet HTML 4Page - Sanyo Semicon Device LC7265 Datasheet HTML 5Page - Sanyo Semicon Device LC7265 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Allowable Operating Ranges at Ta=25 °C, VDD = 4.5 to 10 V, VSS =0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
10
V
Input high-level voltage
VIH1
A/F, BLK
0.7VDD
VDD
V
VIH2
FIF1, FIF2, FIF3, AIF1, AIF2
0.9VDD
VDD
V
Input low-level voltage
VIL1
A/F, BLK
0
0.3VDD
V
VIL2
FIF1, FIF2, FIF3, AIF1, AIF2
0
0.1VDD
V
Input frequency
fIN1
FMI, sine wave, capacitive coupling,
VIN1 = 0.7Vp-p
1
18
MHz
fIN2
AMI, sine wave, capacitive coupling,
VIN2 = 0.5Vp-p*
0.5
3
MHz
fIN3XIN
0.2
7.5
MHz
Input amplitude
VIN1
FMI, sine wave, capacitive coupling,
fIN1=1to18 MHz
0.7
0.9VDD
Vp-p
VIN2
AMI, sine wave, capacitive coupling,
fIN2 = 0.5 to 3 MHz
0.5*
0.9VDD
Vp-p
VIN3
XIN, sine wave, capacitive coupling,
fIN3 = 0.2 to 7.5 MHz
1.0
0.9VDD
Vp-p
Segment current
Iseg1
MHz, b&e, b&c
030
mA
Iseg2
Other outputs
0
15
mA
*: For fIN2 = 0.5 MHz to 0.9 MHz and VDD =8to10 V, VIN2 min = 1.0 Vp-p applies.
Electrical Characteristics at Ta=25 °C, VDD = 4.5 to 10 V, VSS =0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level current
IIH1
FIF1, FIF2, FIF3, AIF1, AIF2
VI =VDD
010
µA
IIH2
BLK
VI =VDD
02
µA
Input low-level current
IIL1
FIF1, FIF2, FIF3, AIF1, AIF2
VI =VSS
010
µA
IIL2
BLK
VI =VSS
02
µA
IIL3
A/F
VI =VSS
20
500
µA
Input floating voltage
VIF
A/F
VI = open
0.8VDD
VDD
V
Input/output high-level leakage
current
IOFF
HLD, output off, VI =VDD
02
µA
Output low-level voltage
VOL1
HLD, output on, IO =1 mA
01
V
VOL2
b&e, b&c, MHz VDD = 4.5 to 10 V,
IOL =30 mA
0
0.7
V
VOL3
Segments other than above
VDD = 4.5 to 10 V, IOL =15 mA
0
0.7
V
VOL4
50 Hz, IO = 0.2 mA
0
1.0
V
Input high-level threshold voltage
Vth
HLD
0.4VDD 0.5VDD 0.7VDD
V
Output off leakage current
IOFF2
All segments output pins, VO = 13 V, output off
0
10
µA
Current drain
IDD
FM mode, A/F = open or VDD,fIN1 = 18 MHz,
0.7Vp-p or (AM mode, A/F = VSS,fIN2=
3 MHz, 0.5Vp-p) fIN3 = 7.2 MHz, 1Vp-p
FIF1, FIF2, FIF3 = VDD
AIF1, AIF2 = VDD
HLD, BLK = VDD
other pins open
018
mA
Pin Assignment
Top view
LC7265
No.1197-2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com