Electronic Components Datasheet Search
  English  ▼

X  

LC7265 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7265
Description  Received Frequency Display for Radio Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7265 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7265 Datasheet HTML 1Page - Sanyo Semicon Device LC7265 Datasheet HTML 2Page - Sanyo Semicon Device LC7265 Datasheet HTML 3Page - Sanyo Semicon Device LC7265 Datasheet HTML 4Page - Sanyo Semicon Device LC7265 Datasheet HTML 5Page - Sanyo Semicon Device LC7265 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-4 . FIF1, FIF2, FIF3 : FM IF select pins
FIF1
00001111
FIF2
00110011
FIF3
01010101
IF (MHz)
+10.700
+10.725
+10.675
+10.750
–10.700
–10.725
–10.675
–10.650
2-5 . AIF1, AIF2 : AM IF select pins
AIF1
0011
AIF2
0101
IF (kHz)
+450 (2)
+450 (1)
+455
+469
(Note) 450 kHz(1) : 10 kHz step display, others : 1 kHz step display
1 : High level (VDD)
0 : Low level (VSS)
2-6 . HLD : Display contents hold pin
Normally, this pin is set at high level. To hold display contents, this pin is set at low level. Connecting time constant circuit
to this pin makes it possible to hold display contents for a certain period of time at the time of FM/MW, LW band
selection.
2-7 . BLK : Display blanking pin
2-8 . FMI, AMI : Local oscillation signal input pins
FMI — For FM
: 0.7Vp-p input sensitivity
AMI — For MW, LW : 1.0Vp-p input sensitivity (VDD =8to10 V,fIN = 0.5 to 0.9 MHz)
0.5Vp-p input sensitivity (other than above)
2-9 . A/F : FM/MW, LW select pin
FM
— Pin open or high level
MW, LW — Low level
2-10 . 50 Hz : 50 Hz time base output pin
Internal clock
Depending on C, R
Display contents hold
Threshold
voltage of
e
HLD
A/F
Example of blanking misdisplay
at the time of application of power.
LC7265
No.1197-4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com