Electronic Components Datasheet Search
  English  ▼

X  

LC7265 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7265
Description  Received Frequency Display for Radio Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7265 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7265 Datasheet HTML 1Page - Sanyo Semicon Device LC7265 Datasheet HTML 2Page - Sanyo Semicon Device LC7265 Datasheet HTML 3Page - Sanyo Semicon Device LC7265 Datasheet HTML 4Page - Sanyo Semicon Device LC7265 Datasheet HTML 5Page - Sanyo Semicon Device LC7265 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Equivalent Circuit Block Diagram
1. Display
1-1 Display font
1-2 Lighting system
.
Static lighting
1-3 Display range (High-order 1 digit : zero blanking)
.
FM
: 00.00 MHz to 199.95 MHz
50 kHz step
.
MW, LW
: 000 kHz to 1999 kHz
10 kHz or 1 kHz step
2. Pin Description
2-1 . a to g, b&c, b&e, MHz, kHz : LED
2-2 . VDD,VSS : Power supply pins
2-3 .XIN,XOUT : Crystal resonator or input amp pin
LC7265
No.1197-3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com