Electronic Components Datasheet Search
  English  ▼

X  

ZXSC380 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXSC380 Datasheet HTML 1Page - Diodes Incorporated ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXSC380
Issue 3 - September 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Device description
The ZXSC380 is non-synchronous PFM, DC-DC controller IC which, with a high performance
internal transistor, for a high efficiency boost converter for use in single cell applications. A block
diagram is shown in Figure 1.
Figure 1 ZXSC380 Block diagram
The on chip comparator forces the driver circuit and therefore the internal switching transistor to
switch off when the voltage at ISENSE exceeds 20mV. This threshold is set by an internal reference
circuit and divider. The voltage at ISENSE is taken from a current sense resistor connected in series
with the emitter of the switching transistor. This resistor is chosen to give 20mV at ISENSE for an
emitter current of 80mA.
A monostable following the output of the comparator forces the turn-off time of the output stage
to be typically 2.2 s. This ensures that there is sufficient time to discharge a significant proportion
of the energy stored in the inductor coil before the next On period.
With every On pulse the switching transistor is kept on until the voltage across the current-sense
resistor exceeds the threshold of the ISENSE input. The On-pulse length, and therefore the
switching frequency, is determined by the programmed peak current, the input voltage and the
input to output voltage differential. See applications section for details.
The Driver circuit supplies the internal switching transistor with a fixed drive current. To maximize
efficiency the internal transistor is switched quickly, typically being switched off within 30ns.
R1
R2
R
SENSE
+
-
+
V
REF
GND
I
SENSE
R1
R2
R
SENSE
+
-
+
V
REF
GND
I
SENSE
V
CC
1
3
2
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com