Electronic Components Datasheet Search
  English  ▼

X  

ZXSC380 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated ZXSC380 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXSC380
Issue 3 - September 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Application notes
Typical application circuit
Figure 2 shows a typical boost circuit for 18mA LED current from a single cell 1.5V supply. The
inductor value is 100 H. The operating frequency is typically 160kHz typical for 1.5V supply.
Figure 2 Typical application circuit
The LED current can be set by the choice of inductor values described below.
Inductor selection and current setting
Figure 3 shows the LED current vs the supply voltage while Figure 4 shows the switching
frequency vs the supply voltage for various inductor values. Figure 3 and 4 can be used as guides
to the inductor value selection. The inductor should have a low DC resistance for high efficiency.
The switching frequency is dependent on the programmed peak current, the input voltage, the
input to output voltage differential and the inductor value.
Figure 3 The LED current vs the supply voltage for various inductor values
VCC
VOUT
GND
VIN
GND
L1
100uH
LED1
ZXSC380
1
2
3
LED Current vs Supply Voltage
for L = 22, 47, 68 & 100uH
0
2
4
6
8
10
12
14
16
18
20
11.1
1.2
1.3
1.4
1.5
Supply Voltage Vvcc (V)
L = 100uH
L = 68uH
L = 47uH
L = 22uH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com