Electronic Components Datasheet Search
  English  ▼

X  

ZXSC380 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXSC380
Description  Single or multi cell LED driver solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC380 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXSC380 Datasheet HTML 1Page - Diodes Incorporated ZXSC380 Datasheet HTML 2Page - Diodes Incorporated ZXSC380 Datasheet HTML 3Page - Diodes Incorporated ZXSC380 Datasheet HTML 4Page - Diodes Incorporated ZXSC380 Datasheet HTML 5Page - Diodes Incorporated ZXSC380 Datasheet HTML 6Page - Diodes Incorporated ZXSC380 Datasheet HTML 7Page - Diodes Incorporated ZXSC380 Datasheet HTML 8Page - Diodes Incorporated ZXSC380 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 3 - September 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXSC380
Single or multi cell LED driver solution
Description
The ZXSC380 is a highly integrated single or
multi cell LED driver for applications where
step-up voltage conversion from a very low
input voltage is required. These applications
mainly operate from 1.5V or 1.2V cells. The IC
generates constant current pulses that are
ideal for driving single or multiple LEDs over
a wide range of operating voltages. The
ZXSC380 provides a simple to use, low cost,
space saving and easy to layout solutions.
The ZXSC380 uses a PFM control technique to
drive an internal switching transistor which
has a low saturation resistance. This ensures
high efficiency, even for input voltages as low
as 1V.
The IC can start up under full load and operates
down to an input voltage of only 0.9V typical.
The ZXSC380 is offered in the space saving
SOT23 package or in die form, offering an
excellent cost vs performance solution for
single cell LED driving applications.
SOT23
Features
•
80% efficiency
•
User adjustable output current
•
Single cell operation
•
Low saturation voltage switching transistor
•
Simple application circuit
•
Low external component count
•
SOT23 package
•
Available also in die form
Applications
•
LED flashlights and torches
•
LED backlights
•
White LED driver
Pin connections
Typical application circuit
VCC
GND
VOUT
Top view
1
2
3
VCC
VOUT
GND
VIN
GND
L1
LED1
ZXSC380
1
2
3


Similar Part No. - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
Single or multi cell LED driver solution
ZXSC380FH ZETEX-ZXSC380FH Datasheet
358Kb / 10P
Single or multi cell LED driver solution
More results

Similar Description - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
Single or multi cell LED driver solution
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
Single or Multi Cell LED Driver Solution
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
SEPTEMBER 2007
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
Single Cell 350mA LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com