Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870 Datasheet(HTML) 1 Page - Linear Technology

  LTC2870 Datasheet HTML 1Page - Linear Technology LTC2870 Datasheet HTML 2Page - Linear Technology LTC2870 Datasheet HTML 3Page - Linear Technology LTC2870 Datasheet HTML 4Page - Linear Technology LTC2870 Datasheet HTML 5Page - Linear Technology LTC2870 Datasheet HTML 6Page - Linear Technology LTC2870 Datasheet HTML 7Page - Linear Technology LTC2870 Datasheet HTML 8Page - Linear Technology LTC2870 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC2870/LTC2871
1
28701f
TYPICAL APPLICATIONS
DESCRIPTION
RS232/RS485 Multiprotocol
Transceivers with
Integrated Termination
The LTC®2870/LTC2871 are robust pin-configurable mul-
tiprotocol transceivers, supporting RS232, RS485, and
RS422 protocols, operating on a single 3V to 5.5V supply.
The LTC2870 can be configured as two RS232 single-ended
transceivers or one RS485 differential transceiver on shared
I/O lines. The LTC2871 offers independent control of two
RS232 transceivers and one RS485 transceiver, each on
dedicated I/O lines.
Pin-controlled integrated termination resistors allow
for easy interface reconfiguration, eliminating external
resistors and control relays. Half-duplex switches allow
four-wire and two-wire RS485 configurations. Loopback
mode steers the driver inputs to the receiver outputs for
diagnostic self-test.The RS485 receivers support up to
256 nodes per bus, and feature full failsafe operation for
floating, shorted or terminated inputs.
An integrated DC/DC boost converter uses a small induc-
tor and one capacitor, eliminating the need for multiple
supplies for driving RS232 levels.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protocol Switching with
Automatic Termination Selection
FEATURES
APPLICATIONS
n One RS485 and Two RS232 Transceivers
n 3V to 5.5V Supply Voltage
n 20Mbps RS485 and 500kbps RS232
n Automatic Selection of Integrated RS485 (120Ω)
and RS232 (5kΩ)Termination Resistors
n Half-/Full-Duplex RS485 Switching
n High ESD: ±26kV (LTC2870), ±16kV (LTC2871)
n Logic Loopback Mode
n 1.7V to 5.5V Logic Interface
n Supports Up to 256 RS485 Nodes
n RS485 Receiver Failsafe Eliminates UART Lockup
n Available in 28-Pin 4mm × 5mm QFN and
TSSOP (LTC2870), and 38-Pin 5mm × 7mm QFN
and TSSOP (LTC2871)
n Flexible RS232/RS485/RS422 Interface
n Software Selectable Multiprotocol Interface Ports
n Point-of-Sale Terminals
n Cable Repeaters
n Protocol Translators
Simultaneous Protocols and
RS485 Termination Switching
RS485 Duplex Switching
28701 TA01
LTC2870
1.7V TO VCC
3V TO 5.5V
1.7V TO VCC
3V TO 5.5V
1.7V TO VCC
3V TO 5.5V
RS485
TERMINATION
RS485
DUPLEX
485/232
DY
Y
Z
A
B
DZ
RA
RB
Y
Z
A
B
DI
VL
TE485
RO
DIN1
ROUT2
DIN2
ROUT1
VCC
VL
VCC
DOUT1
RIN2
DOUT2
RIN1
LTC2871
120Ω
120Ω
Y
VCC
Z
A
B
DI,
DY
RO,
RB
H/F
LTC2870,
LTC2871
HALF
FULL
RS485
RS232
ON
OFF
VL


Similar Part No. - LTC2870

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
logo
Analog Devices
LTC2870 AD-LTC2870 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
LTC2870 AD-LTC2870 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
28701fb
LTC2870CFE#PBF AD-LTC2870CFE#PBF Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
28701fb
LTC2870CUFD#PBF AD-LTC2870CUFD#PBF Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
28701fb
More results

Similar Description - LTC2870

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com