Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2870 Datasheet HTML 19Page - Linear Technology LTC2870 Datasheet HTML 20Page - Linear Technology LTC2870 Datasheet HTML 21Page - Linear Technology LTC2870 Datasheet HTML 22Page - Linear Technology LTC2870 Datasheet HTML 23Page - Linear Technology LTC2870 Datasheet HTML 24Page - Linear Technology LTC2870 Datasheet HTML 25Page - Linear Technology LTC2870 Datasheet HTML 26Page - Linear Technology LTC2870 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC2870/LTC2871
23
28701f
APPLICATIONS INFORMATION
Logic Loopback
A loopback mode connects the driver inputs to the re-
ceiver outputs (non-inverting) for self test. This applies to
both RS232 and RS485 transceivers. Loopback mode is
entered when the LB pin is high and the relevant receiver
is enabled.
In loopback mode, the drivers function normally. They can
be disabled with outputs in a Hi-Z state or left enabled to
allow loopback testing in normal operation. Loopback
works in half- or full-duplex mode and does not affect the
termination resistors.
DATA RATE (bps)
28701 F19
10k
1k
100
10
10k
10M
100M
1M
100k
LTC2870/LTC2871
MAX DATA RATE
RS485/RS422
MAX DATA RATE
Figure 19. Cable Length vs Data Rate (RS485/RS422
Standard Shown in Vertical Solid Line)
The solid vertical line represents the specified maximum
data rate in the RS485/RS422 standards. The dashed lines
at 20Mbps show the maximum data rates of the LTC2870
and LTC2871.
Layout Considerations
All VCC pins must be connected together on the PC board
with very low impedance traces or with a dedicated plane.
A 2.2μF or larger decoupling capacitor (C4 in Figure 13)
must be placed less than 0.7cm away from the VCC pin
that is adjacent to the VDD pin.
0.1μF capacitors to GND can be added on the VCC pins
adjacent to the B and VL pins if the connection to the 2.2μF
decoupling capacitor is not direct or if the trace is very
narrow. All GND pins must be connected together and
all VEE pins must be connected together, including the
exposed pad on the bottom of the package. The bypass
capacitor at VEE, C3, should be positioned closest to the
VEE pin that is adjacent to the CAP pin, with no more than
1cm of total trace length between the VEE and GND pins.
Place the charge pump capacitor, C1, directly adjacent to
the SW and CAP pins, with no more than one centimeter
of total trace length to maintain low inductance. Close
placement of the inductor, L1, is of secondary importance
compared to the placement of C1 but should include no
more than two centimeters of total trace length.
The PC board traces connected to high speed signals A/B
and Y/Z should be symmetrical and as short as possible
to minimize capacitive imbalance and maintain good dif-
ferential signal integrity. To minimize capacitive loading
effects, the differential signals should be separated by
more than the width of a trace.
Route outputs away from sensitive inputs to reduce
feedback effects that might cause noise, jitter, or even
oscillations. For example, do not route DI or A/B near the
driver or receiver outputs.
RS485 Cable Length vs Data Rate
For a given data rate, the maximum transmission dis-
tance is bounded by the cable properties. A typical curve
of cable length vs data rate compliant with the RS485/
RS422 standards is shown in Figure 19. Three regions
of this curve reflect different performance limiting fac-
tors in data transmission. In the flat region of the curve,
maximum distance is determined by resistive losses in
the cable. The downward sloping region represents limits
in distance and data rate due to AC losses in the cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com