Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870 Datasheet(HTML) 2 Page - Linear Technology

  LTC2870 Datasheet HTML 1Page - Linear Technology LTC2870 Datasheet HTML 2Page - Linear Technology LTC2870 Datasheet HTML 3Page - Linear Technology LTC2870 Datasheet HTML 4Page - Linear Technology LTC2870 Datasheet HTML 5Page - Linear Technology LTC2870 Datasheet HTML 6Page - Linear Technology LTC2870 Datasheet HTML 7Page - Linear Technology LTC2870 Datasheet HTML 8Page - Linear Technology LTC2870 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2870/LTC2871
2
28701f
LTC2870
LTC2870
9
10
TOP VIEW
29
VEE
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VEE
RA
RB
485/232
RXEN
DXEN
DY
DZ
A
B
VCC
Y
GND
Z
VCC
VDD
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS VEE,
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LB
H/F
TE485
VEE
RA
RB
485/232
RXEN
DXEN
DY
DZ
FEN
GND
CAP
VL
VCC
GND
A
B
VCC
Y
GND
Z
VCC
VDD
SW
GND
VEE
29
VEE
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 29) IS VEE,
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
Input Supplies
VCC, VL..................................................... –0.3V to 7V
Generated Supplies
VDD ................................................ VCC – 0.3V to 7.5V
VEE.........................................................0.3V to –7.5V
VDD – VEE..............................................................15V
SW........................................... –0.3V to (VDD + 0.3V)
CAP............................................. 0.3V to (VEE – 0.3V)
A, B, Y, Z, RIN1, RIN2, DOUT1, DOUT2 ........–15V to 15V
DI, DZ, DY, RXEN, DXEN, LB, H/F, TE485, RX485,
DX485, RX232, DX232, DIN1, DIN2,
485/232, CH2........................................... –0.3V to 7V
(Notes 1 and 2)
PIN CONFIGURATION
FEN, RA, RB, RO, ROUT1, ROUT2...–0.3V to (VL + 0.3V)
Differential Enabled Terminator Voltage
(A-B or Y-Z) ..........................................................±6V
Operating Temperature
LTC2870C/LTC2871C ............................... 0°C to 70°C
LTC2870I/LTC2871I ............................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
FE package........................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com