Electronic Components Datasheet Search
  English  ▼

X  

LC72709W Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72709W Datasheet HTML 4Page - Sanyo Semicon Device LC72709W Datasheet HTML 5Page - Sanyo Semicon Device LC72709W Datasheet HTML 6Page - Sanyo Semicon Device LC72709W Datasheet HTML 7Page - Sanyo Semicon Device LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device LC72709W Datasheet HTML 10Page - Sanyo Semicon Device LC72709W Datasheet HTML 11Page - Sanyo Semicon Device LC72709W Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
No. 5876-8/16
LC72709E, 72709W
Detailed Descriptions
• VEC HALT
Setting this flag stops all IC operations related to vertical and second horizontal correction. Data output is limited to
data following the first horizontal correction.
• EC STOP
This flag stops all operations (including RAM access) related to error correction and all data output operations. While
all IC operations are stopped in standby mode, MSK demodulation, the synchronization circuit, the serial data input
circuit, and the layer 4 CRC circuit continue to operate in this mode.
• SYNC RST
Clears the synchronization state and the synchronization protection state in the synchronization block and sets that
block to the unsynchronized state. This allows quick frame synchronization pull in when, during receiver tuning
operations, the frame period of the new reception data after station selection is displaced. While this flag is used for
initialization of synchronization related circuits, it does not initialize the number of allowed BIC errors, the block
synchronization forward and backward protection settings, and the registers of frame synchronization forward and
backward protection settings. During the synchronization block reset, the INT signal is not output and the DO pin
outputs a high level (high impedance). Since this flag is not automatically reset to 0, applications must send data again
to set it to 0.
• INT MOVE
The data output by this IC is fully corrected, and only data received during both block and frame synchronization is
output. (The layer 2 CRC check is included.) This flag must be set to acquire all data in the same manner as the
LC72700.
• DO MOVE
In the LC72700, the DO pin output was linked to and changed with the INT signal so that it could be used in place of
the INT CPU interrupt signal. Set this flag to use that function.
• RTIB
In the method A frame structure in the ITU-R recommendations, a total of 12 data blocks have been inserted in the
parity data area, in which the 82 consecutive blocks of parity information are held. This flag must be set if this IC is
used in systems that do not have these real-time information blocks (RTIB). Note that if the state of this flag is
changed, frame synchronization will be held for the time corresponding to the forward protection count and then will
switch to the unsynchronized state. Applications must use the SYNC RST flag to reset the synchronization circuit to
reestablish frame synchronization more quickly.
Control Register
Control register
FRAME
RTIB
VEC HALT
EC STOP
SYNC RST
INT MOVE
DO MOVE
CRC4 RST
0
1
2
3
4
5
6
7
Bit
Function
Initial value
0
FRAME
L
Method-B
L
(Frame selection)
H
Method-A
1
RTIB
L
Real-time information blocks present (When method A is selected)
L
(RTIB presence)
H
No real-time information blocks present (When method A is selected)
2
VEC HALT
L
Vertical correction and second horizontal correction: enabled
L
(Vertical error correction stop)
H
Vertical correction and second horizontal correction: disabled
3
EC STOP
L
All functions operate
L
(Error correction stop)
H
Only the MSK detection and synchronization regeneration circuits operate
4
SYNC RST
L
L
(Synchronization block reset)
H
Only the synchronization circuit is reset
5
INT MOVE
L
Only the correction complete, layer 2 CRC complete, and data received while synchronized are output.
L
(INT type)
H
All data is output. (Operation identical to that of the LC72700)
6
DO MOVE
L
The high-level (high-impedance) state is held at times other than data output
L
(DO pin operation)
H
The DO pin changes with the INT pin. (Operation identical to that of the LC72700)
7
CRC4 RST
L
L
(Layer 4 CRC)
H
The layer 4 CRC circuit is reset to its initial state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com