Electronic Components Datasheet Search
  English  ▼

X  

LC72709W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72709W Datasheet HTML 1Page - Sanyo Semicon Device LC72709W Datasheet HTML 2Page - Sanyo Semicon Device LC72709W Datasheet HTML 3Page - Sanyo Semicon Device LC72709W Datasheet HTML 4Page - Sanyo Semicon Device LC72709W Datasheet HTML 5Page - Sanyo Semicon Device LC72709W Datasheet HTML 6Page - Sanyo Semicon Device LC72709W Datasheet HTML 7Page - Sanyo Semicon Device LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Overview
The LC72709E is a data demodulation IC for receiving
FM multiplex broadcasts for mobile receivers in the
DARC format. This IC includes a built-in bandpass filter
that extracts the DARC signal from the FM baseband
signal. Since this IC supports all of the FM multiplex
broadcast frame structures (methods A, A', B, and C) from
the ITU-R recommendations, it is optimal for use in radios
for worldwide use that support FM multiplex reception.
Functions
• SCF-based adjustment-free 76-kHz bandpass filter
• Support for the FM multiplex broadcast frame structures
(methods A, B, and C) using serial data control.
• MSK delay detection circuit based on a 1T delay
• Error correction function based on a 2T delay (in the
MSK detector stage)
• Digital PLL based clock regeneration circuit
• Shift-register type 1T and 2T delay circuits
• Block and frame synchronization detection circuit
• Function for setting the number of allowable BIC errors,
the number of synchronization protection.
• Error correction using (272, 190) codes
• Layer 4 CRC code checking circuit
• On-chip frame memory and memory control circuit for
vertical correction
• 7.2-MHz crystal oscillator circuit
• Two power saving functions (Standby and EC stop)
Package Dimensions
unit: mm
3148-QIP44MA
unit: mm
3190-SQFP64
CMOS IC
71598RM (OT) No. 5876-1/16
SANYO: QIP44MA
[LC72709E]
SANYO: SQFP64
[LC72709W]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
FM Multiplex Reception IC for Mobile Systems
LC72709E, 72709W
Ordering number : EN5876
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC72709W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
FM Multiplex Receiver IC for VICS Systems
More results

Similar Description - LC72709W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
FM multiplex reception IC
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
FM Multiplex Receiver IC for VICS Systems
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
Mobile FM Multiplex Broadcast DARC Receiver IC
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
OKI electronic componet...
MSM9562 OKI-MSM9562 Datasheet
108Kb / 10P
IC for FM Multiplex Data Demodulation
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com