Electronic Components Datasheet Search
  English  ▼

X  

LC72709W Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72709W
Description  FM Multiplex Reception IC for Mobile Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709W Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72709W Datasheet HTML 5Page - Sanyo Semicon Device LC72709W Datasheet HTML 6Page - Sanyo Semicon Device LC72709W Datasheet HTML 7Page - Sanyo Semicon Device LC72709W Datasheet HTML 8Page - Sanyo Semicon Device LC72709W Datasheet HTML 9Page - Sanyo Semicon Device LC72709W Datasheet HTML 10Page - Sanyo Semicon Device LC72709W Datasheet HTML 11Page - Sanyo Semicon Device LC72709W Datasheet HTML 12Page - Sanyo Semicon Device LC72709W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Structure of the Output Data
• The output data consists of a total of 288 bits (36 bytes). The first two bytes are status information, and data is output
in a single data block unit.
• CNT1 and CNT2 are output LSB first.
• The corrected data is output starting with the first bit in the data block.
• BIC codes are not output.
Note: The CPU can easily select data by discriminating the status information at first during data readout. Data that is
determined to be unnecessary can be immediately cancelled without reading it out. (The CPU can simply ignore
the data until the next interrupt arrives.)
For example, the CPU can also read out just the first 22 bytes (the data block section) of the corrected data, and
does not have to read out the unrequired 12 bytes (the layer 2 CRC and parity data).
Notes:
• CRC indicates the layer 2 CRC check when the ERR flag is 1.
• The CRC4 result is the data immediately preceding the point when the CCB output address (#FB) was input and CE
was high.
• The HEAD flag is valid only for horizontal correction data output, i.e. when VH is 0.
• See page 12 for details on VH blanking in the horizontal and vertical directions.
• The RTIB flag is valid only for method A.
BLN0 to BLN7:
Indicates either the block number for the output data or the parity block number. The data blocks in
a single frame are numbered 0 to 189, and the parity blocks are numbered 0 to 81.
Parity block data is not output for post-vertical correction output.
No. 5876-9/16
LC72709E, 72709W
• CNT1
• CNT2
CNT1 (8 bits) CNT2 (8 bits)
Corrected data 176 bits
CRC (14 bits)
Parity (82 bits)
Indicates the presence of real-time information blocks
Layer 4 CRC shift register: Not all zeros.
Layer 4 CRC shift register: All zeros (no errors)
Data for the first block is being output (block No.0)
Data block data
Parity block data
Error correction and layer 2 CRC check OK
Either an uncorrectable error or the layer 2CRC check NG
Indicates data received with frame synchronization not achieved
Indicates data received with frame synchronization achieved
Indicates data received with block synchronization not achieved
Indicates data received with block synchronization achieved
Output with horizontal correction only
Output with horizontal and vertical corrections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com