Electronic Components Datasheet Search
  English  ▼

X  

LT3694 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3694
Description  36V, 2.6A Monolithic Buck Regulator With Dual LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694 Datasheet(HTML) 2 Page - Linear Technology

  LT3694 Datasheet HTML 1Page - Linear Technology LT3694 Datasheet HTML 2Page - Linear Technology LT3694 Datasheet HTML 3Page - Linear Technology LT3694 Datasheet HTML 4Page - Linear Technology LT3694 Datasheet HTML 5Page - Linear Technology LT3694 Datasheet HTML 6Page - Linear Technology LT3694 Datasheet HTML 7Page - Linear Technology LT3694 Datasheet HTML 8Page - Linear Technology LT3694 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3694/LT3694-1
2
36941fa
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO (Note 6)............................... –0.3V to 70V
BST ...........................................................................55V
BST Above SW..........................................................25V
PGOOD......................................................................16V
TRK/SS, VC, FB, RT, SYNC Pins...................................6V
BIAS, LIM2, LIM3 Pins ...............................................7V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3694EUFD#PBF
LT3694EUFD#TRPBF
3694
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3694IUFD#PBF
LT3694IUFD#TRPBF
3694
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3694EFE#PBF
LT3694EFE#TRPBF
LT3694FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3694IFE#PBF
LT3694IFE#TRPBF
LT3694FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3694-1EUFD#PBF
LT3694-1EUFD#TRPBF
36941
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3694-1IUFD#PBF
LT3694-1IUFD#TRPBF
36941
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3694-1EFE#PBF
LT3694-1EFE#TRPBF
LT3694FE-1
20-Lead Plastic TSSOP
–40°C to 125°C
LT3694-1IFE#PBF
LT3694-1IFE#TRPBF
LT3694FE-1
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
9
10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
EN/UVLO
SYNC (CLKOUT)
PGOOD
RT
TRK/SS1
TRK/SS2
FB2
DRV2
DA
BST
BIAS
VC1
FB1
TRK/SS3
FB3
DRV3
7
17
18
19
20
21
22
16
8
15
θJA = 34°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
LT3694-1 PINOUT IS SHOWN IN PARENTHESIS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VIN
EN/UVLO
SYNC(CLKOUT)
PGOOD
RT
TRK/SS1
TRK/SS2
FB2
DRV2
LIM2
SW
DA
BST
BIAS
VC1
FB1
TRK/SS3
FB3
DRV3
LIM3
21
GND
θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
LT3694-1 PINOUT IS SHOWN IN PARENTHESIS
PIN CONFIGURATION
Operating Junction Temperature Range (Notes 2 and 5)
LT3694E............................................. –40°C to 125°C
LT3694I.............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
(TSSOP Only) ................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com