Electronic Components Datasheet Search
  English  ▼

X  

LT3694 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3694
Description  36V, 2.6A Monolithic Buck Regulator With Dual LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694 Datasheet(HTML) 3 Page - Linear Technology

  LT3694 Datasheet HTML 1Page - Linear Technology LT3694 Datasheet HTML 2Page - Linear Technology LT3694 Datasheet HTML 3Page - Linear Technology LT3694 Datasheet HTML 4Page - Linear Technology LT3694 Datasheet HTML 5Page - Linear Technology LT3694 Datasheet HTML 6Page - Linear Technology LT3694 Datasheet HTML 7Page - Linear Technology LT3694 Datasheet HTML 8Page - Linear Technology LT3694 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3694/LT3694-1
3
36941fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Internal Undervoltage Lockout
l
3.5
3.8
4
V
Overvoltage Shutdown Threshold
l
36
38
40
V
Input Quiescent Current
Not Switching
1
2
mA
Bias Quiescent Current
Not Switching
2
3.5
mA
Shutdown Current
VEN/UVLO = 0.1V
0.1
2
μA
EN/UVLO Threshold, Bias On
350
500
mV
EN/UVLO Threshold, Switching On
l
1.16
1.2
1.23
V
Reference Voltage Line Regulation
5V < VIN < 36V
0.01
%/V
Switching Frequency
RT = 40.2K
l
0.9
1.0
1.1
MHz
VIH, SYNC
l
1.5
V
VIL, SYNC
l
0.35
V
VOH, CLKOUT
ICLKOUT = –50μA
l
1.6
2.6
V
VOL, CLKOUT
ICLKOUT = 50μA
l
0.3
V
PGOOD Output Voltage Low
IPGOOD = 250μA
0.2
0.4
V
PGOOD Leakage
VPGOOD = 2V
10
1000
nA
PGOOD Threshold (Relative to VFB)
(Note 8)
86
90
94
%
Switching Regulator
Feedback Pin Voltage
l
735
750
765
mV
Feedback Pin Bias Current
l
–50
–500
nA
Error Amplifier Transconductance
350
μS
Error Amplifier Voltage Gain
600
V/V
TRK/SS Pull-Up Current
–2
–3
–4
μA
TRK/SS Threshold to Start Switching
35
50
70
mV
VC1 Source Current
VC = 0.6V
–20
μA
VC1 Sink Current
VC = 0.6V
28
μA
VC1 Clamp Voltage
2V
VC1 Switching Threshold
0.75
V
VC1 to Switch Current Gain
3.6
A/V
Switch Leakage Current
VIN = 36V
0.01
10
μA
Minimum Boost Voltage Above Switch
(Note 4)
1.8
2.5
V
Switch Current Limit (Note 3)
(Note 3) 10% Duty Cycle
l
3.5
4.9
6
A
Switch VCESAT
ISW1 = 3A
600
mV
BST Operating Current
ISW1 = 3A
60
mA
VF, BST Diode
IBST = 100mA
0.8
V
IL BST Diode
VBST – VBIAS = 36V
1
μA
DA Current Limit
l
2.6
3.6
4.5
A
Minimum Switch Off-Time
l
140
ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VBIAS = 3V, unless otherwise noted. (Notes 2, 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com