Electronic Components Datasheet Search
  English  ▼

X  

LT3694 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3694
Description  36V, 2.6A Monolithic Buck Regulator With Dual LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3694 Datasheet HTML 17Page - Linear Technology LT3694 Datasheet HTML 18Page - Linear Technology LT3694 Datasheet HTML 19Page - Linear Technology LT3694 Datasheet HTML 20Page - Linear Technology LT3694 Datasheet HTML 21Page - Linear Technology LT3694 Datasheet HTML 22Page - Linear Technology LT3694 Datasheet HTML 23Page - Linear Technology LT3694 Datasheet HTML 24Page - Linear Technology LT3694 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3694/LT3694-1
21
36941fa
Figure 9. A Good PCB Layout Ensures Proper, Low EMI Operation
THERMAL VIAS TO GROUND PLANE
VIAS TO BIAS
SIGNAL VIAS TO INNER LAYERS
VIAS TO Q2 COLLECTOR
36941 F09
VIAS TO LIM2/LIM3
PCB BOTTOM SIDE IS A SOLID GROUND PLANE
VIN
VOUT2
COUT1
VOUT3
VOUT1
CIN
Q2
D1
L1
RLIM2
RLIM3
Q3
GND
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com