Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5572
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology LT5572 Datasheet HTML 12Page - Linear Technology LT5572 Datasheet HTML 13Page - Linear Technology LT5572 Datasheet HTML 14Page - Linear Technology LT5572 Datasheet HTML 15Page - Linear Technology LT5572 Datasheet HTML 16Page - Linear Technology LT5572 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC5588-1
13
55881fb
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP input
AC-terminated with 50Ω to ground, BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, and 1VP-P(DIFF), baseband input frequencies = 4.5MHz
and 5.5MHz for OIP3 and OIP2, or else baseband input frequency = 100kHz, I and Q 90° shifted, lower sideband selection, LINOPT pin
floating, unless otherwise noted. Test circuit is shown in Figure 8.
Output IP3 vs RF Frequency
(PLOM = 0dBm, fIM3 = fLO +
14.5MHz)
Image Rejection vs LO Frequency
(PLOM = 15dBm)
LO FREQUENCY (GHz)
0
–60
–50
–40
–30
–20
12
55881 G62
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF FREQUENCY (GHz)
0
0
10
20
30
40
12
3
4
55881 G63
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IP2 vs RF Frequency
(PLOM = 0dBm, fIM2 = fLO + 10MHz)
RF FREQUENCY (GHz)
0
30
60
50
40
70
80
90
12
3
4
55881 G64
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IP2 vs RF Frequency
(PLOM = 10dBm, fIM2 = fLO +
10MHz)
Output IM3 vs RF 2-Tone Power
(PLOM = 0dBm, fRF = 900MHz,
Note 6)
Output IP3 vs RF Frequency
(PLOM = 10dBm, fIM3 = fLO +
14.5MHz)
RF FREQUENCY (GHz)
0
0
10
20
30
40
12
3
4
55881 G65
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF FREQUENCY (GHz)
0
30
60
50
40
70
80
90
12
3
4
55881 G66
56
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
RF POWER PER TONE (dBm)
–10
–40
–30
–20
5
55881 G67
–50
–60
–5
0
10
–70
–80
–90
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IM2 vs RF 2-Tone Power
(PLOM = 0dBm, fRF = 900MHz,
fIM2 = 890MHz)
RF POWER PER TONE (dBm)
–10
–40
–30
–20
5
55881 G68
–50
–60
–5
0
10
–70
–80
–90
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output IM3 vs RF 2-Tone Power
(PLOM = 0dBm, fRF = 900MHz,
fIM3 = 914.5MHz)
RF POWER PER TONE (dBm)
–10
–40
–30
–20
5
55881 G69
–50
–60
–5
0
10
–70
–80
–90
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com