Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 19 Page - Linear Technology

Part # LT5572
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT5572 Datasheet HTML 15Page - Linear Technology LT5572 Datasheet HTML 16Page - Linear Technology LT5572 Datasheet HTML 17Page - Linear Technology LT5572 Datasheet HTML 18Page - Linear Technology LT5572 Datasheet HTML 19Page - Linear Technology LT5572 Datasheet HTML 20Page - Linear Technology LT5572 Datasheet HTML 21Page - Linear Technology LT5572 Datasheet HTML 22Page - Linear Technology LT5572 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTC5588-1
19
55881fb
APPLICATIONS INFORMATION
At each baseband pin, a 0.146V to 0.854V swing is de-
veloped corresponding to a DAC output current of 0mA
to 20mA. A 3dB lower gain can be achieved using R1A =
R1B = 49.9Ω; R2A = R2B = Open; R2C = 100Ω; R3A =
R3B = 51Ω; L1A = L1B = L2A = L2B = 180nH; C1A = C1B
= C3A = C3B = 68pF; C2 = 56pF.
LO Section
The internal LO chain consists of a quadrature phase
shifter followed by LO buffers. The LOM input can be
driven single ended with 50Ω input impedance, while the
LOP input should be terminated with 50Ω through a DC
blocking capacitor.
The LOP and LOM inputs can also be driven differentially
when an exceptionally low large-signal output noise floor
is required.
A simplified circuit schematic for the LOP and LOM inputs
is given in Figure 3. Table 2 lists LOM port input imped-
ance vs frequency at EN = High and PLOM = 0dBm. For EN
= Low and PLOM = 0dBm the input impedance is given in
Table 3. The LOM port input impedance is shown for EN
= High and Low at PLOM = 10dBm in Table 4 and Table 5,
respectively. The circuit schematic of the demo board is
shown in Figure 8. A 50Ω termination can be connected
to the LOP port (J1).
The LOM port (J2) can also be terminated with a 50Ω
while the LO power is applied to the LOP (J1) port. In that
case, the image rejection may be degraded. At 2.14GHz,
the large-signal noise figure is about 2dB better for dif-
ferential LO drive (using BD1631J50100A00) with a LO
power below 10dBm. The balun (U2) can be installed
by removing C5 and C6 (see Figure 8). Using Anaren
P/N B0310J50100A00 improves image, LO leakage and
large-signal noise performance at 240MHz and 450MHz.
For this particular balun, an external blocking capacitor
is required.
Figure 4 shows the return loss vs RF frequency for the
240MHz and 450MHz frequency bands. Figure 5 shows
the corresponding gain vs RF frequency where the gain
curve peaks at a higher frequency compared to the fre-
quency with best match. Note that the overall bandwidth
degrades tuning the matching frequency lower. A similar
technique can be used for 700MHz and 900MHz if gain
flatness is important.
Table 2. LOM Port Input Impedance vs Frequency for EN = High
and PLOM = 0dBm (LOP Terminated with 50Ω AC to Ground)
FREQUENCY
(GHz)
LOM INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
0.2
98-j65
0.499
–29.8
0.25
87-j58
0.462
–34.3
0.3
79-j51
0.421
–38.8
0.4
69-j40
0.354
–45.8
0.5
63-j32
0.296
–52.4
0.6
59-j27
0.256
–58.4
0.7
55-j24
0.225
–64.9
0.8
52-j21
0.203
–72.5
0.9
50-j19
0.188
–79.6
1.0
48-j18
0.18
–86.9
1.2
44-j16
0.178
–101
1.4
41-j15
0.185
–111
1.6
39-j14
0.194
–118
1.8
38-j13
0.2
–123
2.0
37-j12
0.199
–128
2.5
36-j7.8
0.189
–146
3.0
32-j2.4
0.225
–171
3.5
28+j1.0
0.288
176
4.0
25+j2.4
0.35
173
4.5
23+j4.1
0.372
168
5.0
21+j6.2
0.417
162
5.5
19+j7.9
0.472
159
6.0
17+j8.7
0.519
157
Figure 3: Simplified Circuit Schematic
for the LOP and LOM inputs
2.35V
(3.3V IN
SHUTDOWN)
LOM
LOP
VCC1
55881 F03
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com