Electronic Components Datasheet Search
  English  ▼

X  

LT5572 Datasheet(PDF) 21 Page - Linear Technology

Part # LT5572
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT5572 Datasheet HTML 17Page - Linear Technology LT5572 Datasheet HTML 18Page - Linear Technology LT5572 Datasheet HTML 19Page - Linear Technology LT5572 Datasheet HTML 20Page - Linear Technology LT5572 Datasheet HTML 21Page - Linear Technology LT5572 Datasheet HTML 22Page - Linear Technology LT5572 Datasheet HTML 23Page - Linear Technology LT5572 Datasheet HTML 24Page - Linear Technology LT5572 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC5588-1
21
55881fb
Table 5. LOM Port Input Impedance vs Frequency for EN = Low
and PLOM = 10dBm (LOP Terminated with 50Ω AC to Ground)
FREQUENCY
(GHz)
LOM INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
0.2
92-j61
0.48
–32.1
0.25
83-j55
0.444
–36.9
0.3
75-j50
0.414
–42
0.4
66-j39
0.345
–49.3
0.5
60-j32
0.293
–57.4
0.6
56-j27
0.251
–63.2
0.7
53-j23
0.225
–71.2
0.8
50-j20
0.199
–78.8
0.9
48-j19
0.191
–86.6
1.0
46-j17
0.18
–93.6
1.2
42-j15
0.181
–108
1.4
40-j14
0.192
–117
1.6
38-j14
0.205
–123
1.8
37-j13
0.211
–127
2.0
36-j12
0.212
–132
2.5
35-j7.5
0.202
–150
3.0
31-j2.2
0.244
–172
3.5
27+j1.3
0.31
175
4.0
24+j2.7
0.363
171
4.5
22+j4.4
0.389
166
5.0
20+j6.8
0.433
160
5.5
18+j8.5
0.479
157
6.0
16+j9.5
0.525
154
APPLICATIONS INFORMATION
FREQUENCY (MHz)
200
–20
–10
600
55881 F04
–30
–40
300
400
500
0
RF PORT, EN = HIGH,
C7 = 4.7nH, C8 = 33pF
RF PORT, EN = LOW,
C7 = 4.7nH, C8 = 33pF
RF PORT, EN = HIGH,
C7 = 2.7nH, C8 = 10pF
RF PORT, EN = LOW,
C7 = 2.7nH, C8 = 10pF
LO PORT, EN = HIGH,
USING B0310J50100A00
LO PORT, EN = LOW,
USING B0310J50100A00
Figure 4. RF and LO Port Return Loss vs Frequency for Low Band
Match (See Figure 8)
RF FREQUENCY (MHz)
200
–6
–4
600
55881 F05
–8
–10
300
400
500
0
–2
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Figure 5. Low Band Voltage Gain vs RF Frequency
Using Figure 4 Matching
The third harmonic content of the LO can degrade image
rejection severely, it is recommended to keep the 3rd-order
harmonic of the LO signal lower than the desirable image
rejectionminus6dB.Althoughthesecondharmoniccontent
of the LO is less sensitive, it can still be significant. The
large-signal noise figure can be improved with higher LO
input power. However, if the LO input power is too large to
cause the internal LO signal clipping in the phase-shifter
section, the image rejection can be degraded rapidly.
This clipping point depends on the supply voltage, LO
frequency, temperature and single ended vs differential LO
drive. At fLO = 2140MHz, VCC = 3.3V, T = 25°C and single-
ended LO drive, this clipping point is at about 16.7dBm.
For 3.15V it lowers to 16.1dBm. For differential drive it is
about 21.6dBm.
The differential LO port input impedance for EN = High
and PLO = 10dBm is given in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com