Electronic Components Datasheet Search
  English  ▼

X  

B340 Datasheet(PDF) 1 Page - Weitron Technology

Part # B340
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B340 Datasheet(HTML) 1 Page - Weitron Technology

  B340 Datasheet HTML 1Page - Weitron Technology B340 Datasheet HTML 2Page - Weitron Technology B340 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMC(DO-214AB)
Unit:mm
SMC Outline Dimension
SMC
5 .5 9
6 .2 2
6 .6 0
7 .1 1
2 .7 5
3 .1 8
0 .1 5
0 .3 1
7 .7 5
8 .1 3
0 .1 0
0 .2 0
0 .7 6
1 .5 2
2 .0 0
2 .6 2
Dim
Min
Max
A
B
C
D
E
G
H
J
*For Surface Mount Application
*Metal-Semiconductor Junction With Guardring
*Epitaxial Construction
*Very Low Forward Voltage Drop
*High Current Capability
*Plastic Meterial Has UL Flammability Classification 94V-0
*For Use In Low , And Polarity Protection Applications
* Case : Molded Plastic
* Polarity : Indicated by cathode band
REVERSE VOLTAGE
20 TO 200 VOLTS
FORWARD CURRENT
3.0 AMPERE
B320 thru B3200
WEITRON
http://www.weitron.com.tw
Mechanical Data
Feature:
Surface Mount Schottky Barrier Rectifiers
Lead(Pb)-Free
P b
18-Aug-09
1/3
* Weight : 0.231 grams


Similar Part No. - B340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B340 FUJI-B340 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B340 WEITRON-B340 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B340 BILIN-B340 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B340

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com