Electronic Components Datasheet Search
  English  ▼

X  

B340 Datasheet(PDF) 2 Page - Weitron Technology

Part # B340
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B340 Datasheet(HTML) 2 Page - Weitron Technology

  B340 Datasheet HTML 1Page - Weitron Technology B340 Datasheet HTML 2Page - Weitron Technology B340 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL B320 B330 B340 B350 B360 B380 B3100 B3150 B3200
UNIT
VRRM
20
30
40
50
60
80
100
150
200
V
VRMS
14
21
28
35
42
56
70
105
140
V
VDC
20
30
40
50
60
80
100
150
200
V
IF
A
VF
0.87
0.90
V
CJ
100
80
pF
RθJA
RθJC
TJ
°C
TSTG
°C
Typical junction capacitance
Typical thermal resistance
-55 to +125
A
0.50
0.70
0.85
sine-wave superimposed on rated load
Maximum instantaneous IF=3A @ 25°C
Maximum DC reverse current
@ TA=25°C
at rated DC blocking voltage
@ TA=100°C
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3ms single half
°C/W
30
IR
0.5
0.2
5.0
70
110
mA
10.0
PARAMETER
Operating temperature range
Storage temperature range
3.0
IFSM
80.0
-55 to +150
Maximum repetitive peak reverse voltage
180
150
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
B320 thru B3200
http://www.weitron.com.tw
WEITRON
18-Aug-09
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com