Electronic Components Datasheet Search
  English  ▼

X  

B340 Datasheet(PDF) 3 Page - Weitron Technology

Part # B340
Description  Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B340 Datasheet(HTML) 3 Page - Weitron Technology

  B340 Datasheet HTML 1Page - Weitron Technology B340 Datasheet HTML 2Page - Weitron Technology B340 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B320 thru B3200
http://www.weitron.com.tw
WEITRON
18-Aug-09
3/3
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
-
2
.
G
I
F
E
V
R
U
C
G
N
I
T
A
R
E
D
T
N
E
R
R
U
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
-
1
.
G
I
F
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
600
0
1
10
100
REVERSE VOLTAGE (V)
B320~B340
B350~B360
B380~B3100
B3150
B3200
25°C
100°C
0.0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (℃)
0
20
40
60
80
100
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
0.001
0.010
0.100
1.000
10.000
100.000
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
FORWARD VOLTAGE (V)
B320~B340
B350~B360
B380~B3100
B3150
B3200
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com