Electronic Components Datasheet Search
  English  ▼

X  

SX1504 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX1504
Description  4/8/16 Channel GPIO with NINT and NRESET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1504 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX1504 Datasheet HTML 9Page - Semtech Corporation SX1504 Datasheet HTML 10Page - Semtech Corporation SX1504 Datasheet HTML 11Page - Semtech Corporation SX1504 Datasheet HTML 12Page - Semtech Corporation SX1504 Datasheet HTML 13Page - Semtech Corporation SX1504 Datasheet HTML 14Page - Semtech Corporation SX1504 Datasheet HTML 15Page - Semtech Corporation SX1504 Datasheet HTML 16Page - Semtech Corporation SX1504 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 3
rd Oct. 2008
www.semtech.com
13
SX1504/SX1505/SX1506
4/8/16 Channel GPIO
4.3
SX1506 16-channel GPIO
I
2C Bus
Control
VCC1
Input
Filter
Reset
VDDM
NRESET
SCL
SDA
Interrupt
8-Bit
R/W
I/O[0]
I/O[1]
I/O[2]
I/O[3]
I/O[4]
I/O[5]
I/O[6]
I/O[7]
GND
VCC2
I/O Bank A
A
I/O Bank B
A
SX1506
I/O[8]
I/O[9]
I/O[10]
I/O[11]
I/O[12]
I/O[13]
I/O[14]
I/O[15]
8-Bit
R/W
NINT
Figure 6 – SX1506 Block Diagram
4.4
Reset (NRESET)
The SX1504, SX1505 and SX1506 generate their own power on reset signal after a power supply is connected
to the VDDM pin. The reset signal is made available for the user at the pin NRESET. The rising edge of the
NRESET indicates that the startup sequence of the SX1504, SX1505 or SX1506 has finished. NRESET must be
connected to VDDM (or greater) either directly, or via a resistor.
Undefined
t
RESET
NRESET
VDDM
VPOR
t
PULSE
VDROPH
Undefined
t
RESET
Undefined
1
2
3
4
5
6
2
1
VDROPL
Figure 7 – Power-On / Brown-out Reset Conditions
1. Device behavior is undefined until VDDM rises above VPOR, at which point NRESET is driven to GND
by the SX1504, SX1505 or SX1506.
2.
After tRESET, NRESET is released (high-impedance) by the SX1504, SX1505 or SX1506 to allow it to be
pulled high by an external resistor.
3.
In operation, the SX1504, SX1505 and SX1506 may be reset at anytime by an external device driving
NRESET low during tPULSE. Chip can be accessed normally again after NRESET rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com