Electronic Components Datasheet Search
  English  ▼

X  

SX1504 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SX1504
Description  4/8/16 Channel GPIO with NINT and NRESET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1504 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SX1504 Datasheet HTML 24Page - Semtech Corporation SX1504 Datasheet HTML 25Page - Semtech Corporation SX1504 Datasheet HTML 26Page - Semtech Corporation SX1504 Datasheet HTML 27Page - Semtech Corporation SX1504 Datasheet HTML 28Page - Semtech Corporation SX1504 Datasheet HTML 29Page - Semtech Corporation SX1504 Datasheet HTML 30Page - Semtech Corporation SX1504 Datasheet HTML 31Page - Semtech Corporation SX1504 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 3
rd Oct. 2008
www.semtech.com
28
SX1504/SX1505/SX1506
4/8/16 Channel GPIO
7
PACKAGING INFORMATION
7.1
QFN-UT 20-pin Outline Drawing
QFN-UT 20-pin, 3 x 3 mm, 0.4 mm pitch
Figure 15 - Packaging Information – QFN-UT 20-pin Outline Drawing
7.2
QFN-UT 20-pin Land Pattern
Figure 16 - Packaging Information – QFN-UT 20-pin Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com