Electronic Components Datasheet Search
  English  ▼

X  

SX1504 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX1504
Description  4/8/16 Channel GPIO with NINT and NRESET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1504 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX1504 Datasheet HTML 17Page - Semtech Corporation SX1504 Datasheet HTML 18Page - Semtech Corporation SX1504 Datasheet HTML 19Page - Semtech Corporation SX1504 Datasheet HTML 20Page - Semtech Corporation SX1504 Datasheet HTML 21Page - Semtech Corporation SX1504 Datasheet HTML 22Page - Semtech Corporation SX1504 Datasheet HTML 23Page - Semtech Corporation SX1504 Datasheet HTML 24Page - Semtech Corporation SX1504 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 3
rd Oct. 2008
www.semtech.com
21
SX1504/SX1505/SX1506
4/8/16 Channel GPIO
Addr
Name
Default
Bits
Description
0x04
Reserved
0xXX
7:0
Unused
0x05
RegInterruptMask
0xFF
7:0
Configures which [input-configured] IO will trigger an interrupt on NINT pin
0 : An event on this IO will trigger an interrupt
1 : An event on this IO will NOT trigger an interrupt
7:6
Edge sensitivity of I/O[7]
5:4
Edge sensitivity of I/O[6]
3:2
Edge sensitivity of I/O[5]
0x06
RegSenseHigh
0x00
1:0
Edge sensitivity of I/O[4]
00 : None
01 : Rising
10 : Falling
11 : Both
7:6
Edge sensitivity of I/O[3]
5:4
Edge sensitivity of I/O[2]
3:2
Edge sensitivity of I/O[1]
0x07
RegSenseLow
0x00
1:0
Edge sensitivity of I/O[0]
00 : None
01 : Rising
10 : Falling
11 : Both
0x08
RegInterruptSource
0x00
7:0
Interrupt source (from IOs set in RegInterruptMask)
0 : No interrupt has been triggered by this IO
1 : An interrupt has been triggered by this IO (an event as configured in relevant
RegSense register occured).
Writing '1' clears the bit in RegInterruptSource and in RegEventStatus
When all bits are cleared, NINT signal goes back high.
0x09
RegEventStatus
0x00
7:0
Event status of all IOs.
0 : No event has occured on this IO
1 : An event has occured on this IO (an edge as configured in relevant RegSense
register occured).
Writing '1' clears the bit in RegEventStatus and in RegInterruptSource if relevant.
If the edge sensitivity of the IO is changed, the bit(s) will be cleared automatically
7:6
Reserved. Must be set to 0 (default value)
5:4
PLDModeHigh (applies to I/O[7:4])
00 : PLD disabled – Normal GPIO mode for I/O[7:4]
01 : PLD 2-to-1 mode – I/O[6] is a decode of I/O[5:4] as defined in RegPLDTable0
10 : PLD 3-to-1 mode – I/O[7] is a decode of I/O[6:4] as defined in RegPLDTable1
11 : Reserved
3:2
Reserved. Must be set to 0 (default value)
0x10
RegPLDMode
0x00
1:0
PLDModeLow (applies to I/O[3:0])
00 : PLD disabled – Normal GPIO mode for I/O[3:0]
01 : PLD 2-to-1 mode – I/O[2] is a decode of I/O[1:0] as defined in RegPLDTable0
10 : PLD 3-to-1 mode – I/O[3] is a decode of I/O[2:0] as defined in RegPLDTable2
11 : PLD 3-to-2 mode – I/O[4:3] are decodes of I/O[2:0] as defined in RegPLDTable3
and RegPLDTable4
7
Value to be output on I/O[6] when I/O[5:4] = 11
6
Value to be output on I/O[6] when I/O[5:4] = 10
5
Value to be output on I/O[6] when I/O[5:4] = 01
4
Value to be output on I/O[6] when I/O[5:4] = 00
Applies only when
PLDModeHigh is set to PLD 2-
to-1 mode
3
Value to be output on I/O[2] when I/O[1:0] = 11
2
Value to be output on I/O[2] when I/O[1:0] = 10
1
Value to be output on I/O[2] when I/O[1:0] = 01
0x11
RegPLDTable0
0x00
0
Value to be output on I/O[2] when I/O[1:0] = 00
Applies only when
PLDModeLow is set to PLD 2-
to-1 mode
7
Value to be output on I/O[7] when I/O[6:4] = 111
6
Value to be output on I/O[7] when I/O[6:4] = 110
5
Value to be output on I/O[7] when I/O[6:4] = 101
4
Value to be output on I/O[7] when I/O[6:4] = 100
3
Value to be output on I/O[7] when I/O[6:4] = 011
2
Value to be output on I/O[7] when I/O[6:4] = 010
1
Value to be output on I/O[7] when I/O[6:4] = 001
0x12
RegPLDTable1
0x00
0
Value to be output on I/O[7] when I/O[6:4] = 000
Applies only when
PLDModeHigh is set to PLD 3-
to-1 mode
7
Value to be output on I/O[3] when I/O[2:0] = 111
6
Value to be output on I/O[3] when I/O[2:0] = 110
5
Value to be output on I/O[3] when I/O[2:0] = 101
4
Value to be output on I/O[3] when I/O[2:0] = 100
3
Value to be output on I/O[3] when I/O[2:0] = 011
2
Value to be output on I/O[3] when I/O[2:0] = 010
1
Value to be output on I/O[3] when I/O[2:0] = 001
0x13
RegPLDTable2
0x00
0
Value to be output on I/O[3] when I/O[2:0] = 000
Applies only when
PLDModeLow is set to PLD 3-
to-1 mode
7
Value to be output on I/O[4] when I/O[2:0] = 111
6
Value to be output on I/O[4] when I/O[2:0] = 110
0x14
RegPLDTable3
0x00
5
Value to be output on I/O[4] when I/O[2:0] = 101
Applies only when
PLDModeLow is set to PLD 3-
to-2 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com